Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSM66577 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM66577 Datasheet HTML 1Page - OKI electronic componets MSM66577 Datasheet HTML 2Page - OKI electronic componets MSM66577 Datasheet HTML 3Page - OKI electronic componets MSM66577 Datasheet HTML 4Page - OKI electronic componets MSM66577 Datasheet HTML 5Page - OKI electronic componets MSM66577 Datasheet HTML 6Page - OKI electronic componets MSM66577 Datasheet HTML 7Page - OKI electronic componets MSM66577 Datasheet HTML 8Page - OKI electronic componets MSM66577 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
3/34
SPECIAL FEATURES
1. High-performance CPU
The family includes the high-performance CPU, powerful bit manipulation instruction set, full symmetrical
addressing mode, and ROM WINDOW function, and also provides the best optimized C compiler support.
2. A variety of power saving modes
Attaching a 32.768-kHz crystal produces a real-time clock signal from the internal clock timer. Use of a single
clock in place of dual clocks is possible.
The clock gear function allows a 1/2
× or 1/4 × main clock to be selected for the CPU operating clock.
Switching the CPU clock to 32.768-kHz signal, 1/2
× main clock, or 1/4 × main clock, then produces operation in
a low power consumption mode.
The family provides a wide range of standby control functions. In addition to the usual STOP mode that stops the
oscillator, there are the quick restart STOP mode that shuts down the CPU and peripherals but leaves the oscillator
running, and the HALT mode that shuts down the CPU but leaves the peripherals running.
3. Variety of multifunctional serial ports
The family includes two channels of built-in synchronous serial ports with 32-byte FIFO implementing an auto
transfer function.
The family allows multi-byte 1-frame information which consists of address, command, and data to be easily and
efficiently transmitted to or received from a serial interface type peripheral LSI device. The family also allows
multi-byte character information to be easily and efficiently transmitted to or received from an LCD module.
In addition, the family has two channels of combined UART/synchronous serial ports, and provides four channels
of serial interfaces.
4. MSM66Q577LY and MSM66Q577 with flash memory programmable with single power supply
In addition to the regular mask ROM version, the family includes these versions with 128KB of flash memory that
can be programmed using a single power supply.
For the MSM66Q577LY, an internal booster circuit derives the necessary program voltage from the device's low
(3.0 to 3.6V) power supply, and the program voltage for the MSM66Q577 is provided with a single 5 V power
supply (4.5 to 5.5 V).
5. High-precision A/D and D/A converters
The family includes a high-precision 10-bit analog-to-digital converter with eight channels and 8-bit digital-to-
analog converter with two channels.
UART/synchronous SIO
UART/synchronous SIO
Synchronous SIO with 32-byte FIFO
Synchronous SIO with 32-byte FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com