Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3775 Datasheet(PDF) 7 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3775
Description  Low-Power off-line / PSR controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3775 Datasheet(HTML) 7 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3775 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3775 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP3773/4/5
低功耗原边反馈控制芯片
LP3773/4/5 内部功率三极管特性参数
PARAMETER
SYMBOL
TEST
CONDITIONS
VALUES
UNIT
MIN
TYP
MAX
Collect-Base Cutoff
Current
ICBO
VCE = 700V
IE = 0
-
-
20
μA
Collect-Emitter Cutoff
Current
ICEO
VCE = 400V
IB = 0
-
-
40
μA
Emitter- Base Cutoff
Current
IEBO
VEB = 9V
IC = 0
-
-
10
μA
Collector- Base
Voltage
VCBO
IC = 0.1mA
750
V
Collector-Emitter
Voltage
VCEO
IC = 1mA
450
V
Emitter-Base Voltage
VEBO
IE = 0.1mA
9
V
DC Current Gain
hFE
VCE = 5V, IC = 0.2A
15
-
30
Collector-Emitter
Saturation Voltage
VCESAT
IC =1A, IB = 0.25A
-
-
0.9
V
Base-Emitter
Saturation Voltage
VBESAT
IC =1A, IB = 0.25A
-
-
1.2
V
Current
Gain-Bandwidth
Product
Fr
VCE = 10V ; IC =
0.1A
f = 1MHz
5.0
-
-
MHz
Fall Time
tr
UI9600, Ic=0.25A
1
uS
备注:上表为 1.47*1.47mm 三极管参数
典型性能特性
无锡市芯茂微电子有限公司
http://www.chip-hope.com
V1.4
- 7 -



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com