Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RK808-B Datasheet(PDF) 41 Page - Rockchip Electronics Co., Ltd

Part # RK808-B
Description  Power Management System Technical Specifications
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK808-B Datasheet(HTML) 41 Page - Rockchip Electronics Co., Ltd

Back Button RK808-B Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 43Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 44Page - Rockchip Electronics Co., Ltd RK808-B Datasheet HTML 45Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
RK808
Power Management System
Version 1.0.1
www.rock-chips.com
41
Bit 6-4
Set the second digit of the RTC minutes
Bit 3-0
Set the first digit of the RTC minutes
Note
BCD coding from 00 – 59
15.2.1.3
HOURS_REG : RTC HOUR Register
Address: 02H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
PM/AM
RESV
HOUR1
HOUR0
Default
0
0
0
0
1
0
0
0
Description
Bit 7
Set PM or AM: Only used in PM-AM mode, 1: PM. 0:AM.
Bit 6
Reserved
Bit 5-4
Set the second digit of the RTC hours
Bit 3-0
Set the first digit of the RTC hours
Note
HOUR1/0 BCD coding from 0-11/23
15.2.1.4
DAYS_REG : RTC DAY Register
Address: 03H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
DAY1
DAY0
Default
0
0
1
0
0
0
0
1
Description
Bit 7-6
Reserved
Bit 5-4
Set the second digit of the RTC days
Bit 3-0
Set the first digit of the RTC days
Note
BCD coding from 01 - 28/29/30/31
15.2.1.5
MONTHS_REG : RTC MONTH Register
Address: 04H
Type: RW
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SYMBOL
RESV
RESV
RESV
MONTH1
MONTH0
Default
0
0
0
0
0
0
0
1
Description
Bit 7-5
Reserved
Bit 4
Set the second digit of the RTC months
Bit 3-0
Set the first digit of the RTC months



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com