Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-MC3 Datasheet(PDF) 8 Page - RFbeam Microwave GmbH

Part # K-MC3
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC3 Datasheet(HTML) 8 Page - RFbeam Microwave GmbH

  K-MC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
K-MC3 RADAR TRANSCEIVER
Datasheet
Sensitivity and Maximum Range
The values indicated here are intended to give you a 'feeling' of the attainable detection range with this
module. It is not possible to define an exact RCS (radar cross section) value of real objects because
reflectivity depends on many parameters. The RCS variations however influence the maximum range
only by 4
.
Maximum range for Doppler movement depends mainly on:
- Module sensitivity
S:
-145dBc (@1kHz IF Bandwidth)
- Carrier frequency
f0:
24.125GHz
- Radar cross section RCS ("reflectivity") of the object
1):
1m2 approx. for a moving person
>50m2 for a moving car
note 1) RCS indications are very inaccurate and may vary by factors of 10 and more.
The famous "Radar Equation" may be reduced for our K-band module to the following relation:
4
40
10
0167
.
0
s
r
Using this formula, you get an indicative detection range of
- > 70 meters for a moving person
- > 180 meters for a moving car
Please note, that range values also highly depend on the performance of signal processing,
environment conditions (i.e. rain, fog), housing of the module and other factors.
With K-MC3, you can achieve a maximum range of more than 500m when using high resolution AD-
converters and selective FFT algorithms.
Datasheet Revision History
Version
Date
Changes
1.0
24-Mar-2010
initial release
1.1
13-May-2011
updated mechanical drawing
2.0
14-July-2011
Adapted to new hardware Revision G, valid from lot # LL1108
2.1
02-Nov-2018
Changed footer to new address
2.2
08-Nov-2018
Changed typical value for VCO_In
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 8/8
RFbeam does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
RFbeam reserves the right at any time without notice to change said circuitry and specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com