Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMP6131DECR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECR
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP6131DECR Datasheet HTML 8Page - Texas Instruments TMP6131DECR Datasheet HTML 9Page - Texas Instruments TMP6131DECR Datasheet HTML 10Page - Texas Instruments TMP6131DECR Datasheet HTML 11Page - Texas Instruments TMP6131DECR Datasheet HTML 12Page - Texas Instruments TMP6131DECR Datasheet HTML 13Page - Texas Instruments TMP6131DECR Datasheet HTML 14Page - Texas Instruments TMP6131DECR Datasheet HTML 15Page - Texas Instruments TMP6131DECR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TMP61
BIAS
TMP61
BIAS
n
n
TMP61
BIAS
TMP61
BIAS
R
V
R
+ R
R
ADC Code
2
2
V
R
+ R
§
·
u ¨
¸
§
·
©
¹
¨
¸
©
¹
n
TEMP
V
ADC Code
2
FSR
TMP61
TEMP
BIAS
TMP61
BIAS
R
V
V
×
R
+ R
§
·
¨
¸
©
¹
12
TMP61
SBOS921 – DECEMBER 2018
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
It is common to use a voltage divider with thermistors because of its simple implementation and lower cost. The
TMP61, on the other hand, has a linear positive temperature coefficient (PTC) of resistance such that the voltage
measured across it increases linearly with temperature. As such, the need for linearization circuits is no longer a
requirement, and a simple current source or a voltage divider circuit can be used to generate the temperature
voltage.
This output voltage can be interpreted using a comparator against a voltage reference to trigger a temperature
trip point, tied directly to an ADC to monitor temperature across a wider range, or used as feedback input for an
active feedback control circuit.
The voltage across the TMP61 can be translated to temperature using either a lookup table method (LUT) or a
fitting polynomial, V(T), as described in Equation 3. The temperature voltage must first be digitized using an
ADC. The necessary resolution of this ADC is dependent on the biasing method used. Additionally, for best
accuracy, the bias voltage (VBIAS) should be tied to the reference voltage of the ADC to create a measurement
where the difference in tolerance between the bias voltage and the reference voltage are cancelled. A low-pass
filter may also be implemented to reject system level noise, and should be placed as close to the ADC input as
possible.
9.2.1.2 Detailed Design Procedure
The resistive circuit divider method produces an output voltage (VTEMP) scaled according to the bias voltage
(VBIAS). When VBIAS is also used as the reference voltage of the ADC, any fluctuations or tolerance error due to
the voltage supply will be canceled and will not affect the temperature accuracy. This type of configuration is
shown in Figure 12. Equation 3 describes the output voltage (VTEMP) based on the variable resistance of the
TMP61 (RTMP61) and bias resistor (RBIAS). The ADC code corresponding to that output voltage, ADC full-scale
range, and ADC resolution is given in Equation 4.
Figure 12. TMP61 Voltage Divider with an ADC.
(3)
where
•
FSR is the full-scale range of the ADC, which is the voltage at REF to GND (VREF)
•
n is the resolution of the ADC
(4)
Equation 5 shows whenever VREF = VBIAS, VBIAS will cancel out.
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com