Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT2535S Datasheet(PDF) 8 Page - Hotchip Technology Co.,Ltd

Part # HT2535S
Description  Total voltage input within the range of 5 % of total voltage input.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2535S Datasheet(HTML) 8 Page - Hotchip Technology Co.,Ltd

Back Button HT2535S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT2535S Datasheet HTML 10Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HT2535S
8/10
www.hotchip.com.cn
高精度 CC/CV 原边控制器
Ver1.1
动态响应
在输出端加入空载到满载变化的动态负载,空载和重载各持续 50ms
动态响应@AC90v/50Hz
动态响应@AC264v/50Hz
FB,CS,MOSFET 漏极波形
No load
Mid load
输出短路
Full load
Short



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com