Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD8105GL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD8105GL
Description  Constant Voltage and Constant Current Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8105GL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD8105GL Datasheet HTML 1Page - Leadtrend Technology LD8105GL Datasheet HTML 2Page - Leadtrend Technology LD8105GL Datasheet HTML 3Page - Leadtrend Technology LD8105GL Datasheet HTML 4Page - Leadtrend Technology LD8105GL Datasheet HTML 5Page - Leadtrend Technology LD8105GL Datasheet HTML 6Page - Leadtrend Technology LD8105GL Datasheet HTML 7Page - Leadtrend Technology LD8105GL Datasheet HTML 8Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LD8105
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8105-DS-00
May 2012
Absolute Maximum Ratings
Supply Voltage, Vcc
-0.3 ~40V
VSEN
-0.3~6V
ISEN
-0.3~6V
IREF
-0.6~6V
OUT
-0.3~Vcc
Maximum sink current
20mA
Maximum Junction Temperature
125
C
Operating Junction Temperature
-40
C to 125C
Operating Ambient Temperature
-40
C to 85C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance
250
C/W
Power Dissipation (At Ambient Temperature = 85
C)
160mW
Lead temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2 KV
ESD Voltage Protection, Machine Model
200 V
Caution:
Stresses beyond the ratings specified in
“Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Supply Voltage Vcc
3
38
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com