Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSM6691 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6691
Description  DRAM Interface IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6691 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6691 Datasheet HTML 1Page - OKI electronic componets MSM6691 Datasheet HTML 2Page - OKI electronic componets MSM6691 Datasheet HTML 3Page - OKI electronic componets MSM6691 Datasheet HTML 4Page - OKI electronic componets MSM6691 Datasheet HTML 5Page - OKI electronic componets MSM6691 Datasheet HTML 6Page - OKI electronic componets MSM6691 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
¡ Semiconductor
MSM6691
5
PIN DESCRIPTIONS
Symbol
Type
Description
VDD
I
Power
GND
I
GND
XT
I
Oscillator
XT
O
Oscillator
TEST
I
IC test. Set to "L".
TEST
I
IC test. Set to "H".
SAD
I
Initial address of R/W
SAS
I
Clock to input serial address data to internal register
TAS
I
Load serial data, input to address register, and reset to internal address counter.
RWCK
I
Clock to read and write data register information. At RWCK fall, internal operation
starts. In read mode data input to XDIN is latched and output the DOUT terminal.
In write mode, DIN (D I/O) output data MSM6388 (MSM6588) is input to the DIN
pin of DRAM. At RWCK the fall internal address counter automatically increments,
and address data is output from A0 to A10.
WE
I
Select R/W modes
XWE
O
Control DRAM
A0 to A10
O
Address control DRAM
RAS
O
Control DRAM
CAS1
O
Control DRAM
CAS2
CAS3
CAS4
XDIN
I
Write data
DOUT
O
Chip select when 1-M DRAM is connected.
Because input terminal to select most significant address when 4-M DRAM is
connected.
CS1
CS2
CS3
CS4
BANK0
BANK1
4M/1M
I
I
I
Select 4-M DRAM or 1-M DRAM for connection.
"L" 1M DRAM connected; 4-M DRAM connected
Chip select data when 4-M DRAM is connedted.
Terminal is used to select desired DRAM from DRAMs connected to select terminals.
CAS1 to CAS4. Set to "L" when 1-M DRAM is connected.
BKLE
I
Latch data, input to BANK0, BANK1, when 4-M DRAM is used. "L" indicates a
"through" setting. "H" indicates a "latch" setting. Set to "L" when 1-M DRAM is used.
Select Terminal
Bank1
Bank0
CAS1
LL
CAS2
LH
CAS3
HL
CAS4
HH
Read data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com