Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

K-LC4 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-LC4
Description  radar transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LC4 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-LC4 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LC4 Datasheet HTML 4Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC4 | data sheet
01/2018 – Revision A | Page 4/4
Sensitivity and Maximum Range
The values indicated here are intended to give you a
‘feeling’ of the attainable detection range with this mo-
dule. It is not possible to define an exact RCS (radar
cross section) value of real objects because reflectivity
depends on many parameters. The RCS variations ho-
wever influence the maximum range only by 4
√σ
4√σ
r = 0.0167 · 10 ·
-s
40
.
Maximum range for Doppler movement depends
mainly on:
Module sensitivity
S:
-103 dBc (@0.5 kHz IF Bandwidth)
Carrier frequency
f0:
24.125 GHz
Radar cross section RCS “reflectivity”
of the object
σ1): 1 m² approx. for a moving person
> 50 m² for a moving car
note 1) RCS indications are very inaccurate and may vary
by factors of 10 and more.
APPLICATION NOTES
The famous “Radar Equation” may be reduced for our
K-band module to the following relation:
4√σ
4√σ
r = 0.0167 · 10 ·
-s
40
Using this formula, you get
an indicative detection range of:
– 6 meters for a moving person.
– > 15 meters for a moving car
Please note, that range values also highly depend on
the performance of signal processing, environment
conditions (i.e. rain, fog), housing of the module and
other factors.
For simple detection purposes (security applications
e.g.) without the need of speed measurements, range
may be enhanced by further reducing the IF bandwidth.
With 250 Hz bandwidth and a simple comparator, we
get already a 15 m frontal detection range.
Datasheet Revision History
Version
Date
Changes
1.0
13. November 2017
initial release
RFbeam does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
RFbeam reserves the right at any time without notice to change said circuitry and specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com