Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337PFM Datasheet(PDF) 2 Page - Fuji Electric

Part # MB90F337PFM
Description  16-bit Proprietary Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB90F337PFM Datasheet(HTML) 2 Page - Fuji Electric

  MB90F337PFM Datasheet HTML 1Page - Fuji Electric MB90F337PFM Datasheet HTML 2Page - Fuji Electric MB90F337PFM Datasheet HTML 3Page - Fuji Electric MB90F337PFM Datasheet HTML 4Page - Fuji Electric MB90F337PFM Datasheet HTML 5Page - Fuji Electric MB90F337PFM Datasheet HTML 6Page - Fuji Electric MB90F337PFM Datasheet HTML 7Page - Fuji Electric MB90F337PFM Datasheet HTML 8Page - Fuji Electric MB90F337PFM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MB90335 Series
2
(Continued)
•••• Instruction system
Data types: Bit, Byte, Word, Long word
Addressing mode (23 types)
Enhanced high-precision computing with 32-bit accumulator
Enhance Multiply/Divide instructions with sign and the RETI instruction
•••• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Instruction set symmetry and barrel shift instructions
•••• Program Patch Function (2 address pointer)
•••• 4-byte instruction queue
•••• Interrupt function
• Priority levels are programmable
• 20 interrupts
•••• Data transfer function
• Expanded intelligent I/O service function (EI2OS) : Maximum of 16 channels
•
µDMAC : Maximum 16 channels
•••• Low Power Consumption Mode
• Sleep mode (with the CPU operating clock stopped)
• Time - base timer mode (with the oscillator clock and time - base timer operating)
• Stop mode (with the oscillator clock stopped)
• CPU intermittent operation mode (with the CPU operating at fixed intervals of set cycles)
•••• Package
• LQFP-64P (FPT-64P-M09 : 0.65 mm pin pitch)
•••• Process : CMOS technology
•••• Operation guaranteed temperature: −−−−40 °°°°C to ++++85 °°°°C (0 °°°°C to ++++70 °°°°C when USB is in use)
Preliminary
2004.01.09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com