Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPAT-2W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPAT-2W
Description  2W 3KVDC Isolated Single and Dual Output DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT-2W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPAT-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT-2W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPAT-2W Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION
:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPAT0303-2W
3.3
±3.3
±303/±30.3
70
TPAT0305-2W
3.3
±5
±200/±20
70
TPAT0309-2W
3.3
±9
±111±/11.1
72
TPAT0312-2W
3.3
±12
±83/±8.3
75
TPAT0315-2W
3.3
±15
±67/±6.7
80
TPAT0503-2W
5
±3.3
±303/±30.3
70
TPAT0505-2W
5
±5
±200/±20
70
TPAT0509-2W
5
±9
±111±/11.1
72
TPAT0512-2W
5
±12
±83/±8.3
75
TPAT0515-2W
5
±15
±67/±6.7
80
TPAT1203-2W
12
±3.3
±303/±30.3
70
TPAT1205-2W
12
±5
±200/±20
70
TPAT1209-2W
12
±9
±111±/11.1
76
TPAT1212-2W
12
±12
±83/±8.3
75
TPAT1215-2W
12
±15
±67/±6.7
80
TPAT1515-2W
15
±15
±67/±6.7
80
TPAT0303A-2W
3.3
3.3
606/60.6
70
TPAT0305A-2W
3.3
5
400/40
70
TPAT0309A-2W
3.3
9
222/22.2
72
TPAT0312A-2W
3.3
12
167/16.7
75
TPAT0315A-2W
3.3
15
133/13.3
80
TPAT0503A-2W
5
3.3
606/60.6
70
TPAT0505A-2W
5
5
400/40
70
TPAT0509A-2W
5
9
222/22.2
72
TPAT0512A-2W
5
12
167/16.7
75
TPAT0515A-2W
5
15
133/13.3
80
TPAT1203A-2W
12
3.3
606/60.6
70
TPAT1205A-2W
12
5
400/40
70
TPAT1209A-2W
12
9
222/22.2
26
TPAT1212A-2W
12
12
167/16.7
75
TPAT1215A-2W
12
15
133/13.3
80
TPAT1515A-2W
15
15
133/13.3
80
Add suffix “P” for continuous short circuit protection, for example TPAT0505P-2W. Add suffix “X” has not 5,10,14,16 pin, for example TPAT0505X-2W.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Reflected ripple current
40
50
mA p-p
FEATURES
RoHS compliant
Efficiency up to 80%
Operating temperature: -40
℃to 105℃
CE certification
Footprint over pins 1.64cm
2
Power density 1.36W/cm
3
Input voltage: 3.3V, 5V, 12V,15V
Output voltage: ±3.3V, ±5V, ±9V, ±12V,±15V/ 3.3V, 5V, 9V,12V,15V
UL 94V-0 package material
3KVDC isolation
Custom solutions available
/
TOPPOWER


Similar Part No. - TPAT-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPAT-2W TOPPOWER-TPAT-2W Datasheet
1Mb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPAT-2W

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W Datasheet
1Mb / 4P
2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPI-2W TOPPOWER-TPI-2W Datasheet
800Kb / 3P
2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com