Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CH5857 Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # CH5857
Description  DISTRIBUTOR ASSEMBLY INSTRUCTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

CH5857 Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  CH5857 Datasheet HTML 1Page - Pentair plc. All rights reserved. CH5857 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WATER QUALITY SYSTEMS
5730 NORTH GLEN PARK ROAD, MILWAUKEE, WI 53209
P: 262.238.4400 | WATERPURIFICATION.PENTAIR.COM | CUSTOMER CARE: 800.279.9404 | tech-support@pentair.com
All Pentair trademarks and logos are owned by Pentair, Inc. or its affiliates. All other registered and unregistered trademarks and logos are the property of their
respective owners. Because we are continuously improving our products and services, Pentair reserves the right to change specifications without prior notice.
Pentair is an equal opportunity employer.
CH5857 REV B FE16 © 2016 Pentair Residential Filtration, LLC All Rights Reserved.
STEP 7
Using 1/2" wrenches, tighten 5/16" x 2-1/2" long bolts
alternately, as shown, until the flanges are flush with each
other and seal is obtained.
STEP 9
Use length of 3" PVC pipe (longer than tank length), slip on 3"
PVC female adaptor (do not bond). This fixture is used for ease
of assembly. (Furnished by customer)
STEP 11
Install laterals one at a time through bottom opening. Insert
laterals into Hub and lock into place by turning clockwise.
Note: Be sure lateral ends are tight.
STEP 10
The Hub Assembly is threaded on to the female adaptor of the
assembly fixture and inserted into top opening. Allow to rest
on side wall of tank. (As shown)
STEP 6
After all laterals are assembled, hold the assembly, as shown,
and thread on the flanged adaptor. Note: Be sure o-ring
is attached and seated properly to flanged adapter. Note:
Optional means of assembly, see steps L9, L10, L11.
STEP 8
Assemble as shown.
For Structural Product Warranties visit:
Structural para las garantías de los productos visite:
Pour Structural garanties produit visitez le site :
waterpurification.pentair.com
}



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com