Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XL6008 Datasheet(PDF) 4 Page - XLSEMI

Part # XL6008
Description  400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL6008 Datasheet(HTML) 4 Page - XLSEMI

  XL6008 Datasheet HTML 1Page - XLSEMI XL6008 Datasheet HTML 2Page - XLSEMI XL6008 Datasheet HTML 3Page - XLSEMI XL6008 Datasheet HTML 4Page - XLSEMI XL6008 Datasheet HTML 5Page - XLSEMI XL6008 Datasheet HTML 6Page - XLSEMI XL6008 Datasheet HTML 7Page - XLSEMI XL6008 Datasheet HTML 8Page - XLSEMI  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
XL6008
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
Rev 1.2
www.xlsemi.com
4
Ordering Information
Order Information
Marking ID
Package Type
Packing Type Supplied As
XL6008E1
XL6008E1
TO252-5L
2500 Units on Tape & Reel
XLSEMI Pb-free products, as designated with “E1” suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 36
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to 60
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO252-5L)
(Junction to Ambient, No Heatsink, Free Air)
RJA
50
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
>2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com