Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP152 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP152
Description  Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP152 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP152 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP152 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP152 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP152 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXP152
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
1
Highly integrated PMIC with 4 DC/DC Buck Converters
and 7 LDOs
FEATURES
3V~5.5V Input Operating Range
15uA Off-Mode Current
 Support TWSI (Two Wire Serial Interface)
 4 Buck DC/DC Step Down Converters
- DC-DC1:PFM/PWM mode,scaling in
1.7-3.5V,50mV/step,Output current 1A
- DC-DC2:PFM/PWM mode,scaling in
0.7-2.275V,25mV/step,Output current 2A,
DVM
- DC-DC3:PFM/PWM mode,scaling in
1.7-3.5V,50mV/step,Output current 1.2A
- DC-DC4:PFM/PWM mode,scaling in
1.7-3.5V,25mV/step,Output current 1.2A
 7 LDOs
- LDO0:Output current 1.5A,Internal
500/900/1500mA current limited option
- RTCLDO:on for RTC31,output 3.1V,
One for RTC13,Output 1.3/1.8V
- ALDO1:Analog LDO,scaling in 1.2-3.3V,
300mA
- ALDO2:Analog LDO,scaling in 1.2-3.3V,
300mA
- DLDO1:Digital LDO or Switch,scaling in
0.7-3.5V,100mV/step,300mA
- DLDO2:Digital LDO or Switch,scaling in
0.7-3.5V,100mV/step,300mA
- GPIOLDO:low noise LDO, scaling in
0.7-3.5V,100mV/step,30mA
 System Management
- Support software shutdown or hardware power
Off
- External wake-up source
- Output monitor
- PWROK signal for reset or power off
- OVP/UVP
- Programmable power on voltage or sequence
 Host Interface
- Programmable Interrupt and wake-up
management
- Internal Timer
40 pin , 5x5mm2 QFN Package
APPLICATIONS
 Mobile Internet Device,xPad
 Digital Photo Frame, Portable DVD Player, Set-top
Box Entertaining and Education Machine
 Network devices
 Safety monitor
 Application Processor Systems
DESCRIPTION
AXP152 is a highly integrated power management IC
that provides easy and flexible power solution for
applications that require multi-rail outputs. It has fully
met the increasingly complex needs of application
processors on accurate power control.
AXP152 integrates four step-down converters (Buck
DC-DC converter), seven low dropout regulators. It
also features protection circuitry such as over/under-
voltage protection (OVP/UVP), over-temperature
protection, and over-current protection (OCP) to
guarantee the power system security and stability.
In addition, AXP152 includes a Two Wire Serial
Interface (TWSI), through which the application
processor
is capable of enabling/disabling some
power outputs, programming the voltage to decrease
the power consumption, and provides customers with
unprecedented experience of power management
AXP152 is available in 5mm x 5mm 40-pin QFN
package, and the package is Pb free.


Similar Part No. - AXP152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP152 ETC2-AXP152 Datasheet
792Kb / 34P
Enhanced Power Supply IC
More results

Similar Description - AXP152

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521 LINER-LTC3521_15 Datasheet
379Kb / 22P
1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
DC-DC Buck with Integrated Inductor
EN6362QI ALTERA-EN6362QI Datasheet
1Mb / 21P
DC-DC Buck with Integrated Inductor
logo
Richtek Technology Corp...
DS5028E RICHTEK-DS5028E Datasheet
519Kb / 41P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial Applications
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
ON Semiconductor
NCP6922C ONSEMI-NCP6922C Datasheet
2Mb / 42P
4 Channels PMIC, 2 x DC-to-DC Converters, 2 x LDOs
September, 2019 ??Rev. 2
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
logo
Richtek Technology Corp...
RTQ5115-QA RICHTEK-RTQ5115-QA Datasheet
582Kb / 46P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial and Automotive Applications
June 2021
logo
Texas Instruments
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
TPS6522005-EP TI1-TPS6522005-EP Datasheet
3Mb / 164P
TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs
NOVEMBER 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com