Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP173 Datasheet(PDF) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP173
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP173 Datasheet(HTML) 1 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP173 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP173 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP173 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP173 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AXP173
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 0.1
1
EnhancedsingleCell Li-Battery andPower System
ManagementIC
FEATURES
Battery Management
- Operation Voltage:
- 2.9V~6.3V (AMR:-0.3V~11V)
- Configurable Intelligent Power Select system
- Adaptive USB adaptor voltage/current limit
Full-integrated Charger
- 1.4A charge current with built-in MOSFET
- USB-Compatible charger
- High precision as 1%
- Support 4.1V/4.15V/4.2V/4.36V battery
- Charging process control automatically
- Auto adjust the charging current according
to the system load
 
Synchronous Step-Down Converters
- DC-DC1: can be adjusted between 0.7V~3.5V
25mV/step, load capability up to 1.2A
- DC-DC2: can be adjusted between
0.7V~2.275V,25mV/step, load capability up to
1.6A,support VRC
 
LDOs
- LDO1:30mA,always on
- LDO2:low noise LDO, 1.8V~3.3V adjustable,
100mV/step, load capability up to 200mA
- LDO3:low noise LDO, 1.8V~3.3V adjustable,
100mV/step, load capability up to 200mA
- LDO4:low noise LDO, 0.7V~3.5V adjustable,
25mV/step, load capability up to 500mA
Signal Capture
- Integrated multi-channel 12 bit ADC
- High accuracy coulomb counter and fuel-
gauge system
- Provide the rich power management
information including instantaneous power
consumption(mA or mW),remaining power(%
or mA),charge status(%),remaining battery life
and charge time, etc.
- Low power warning and protection
- Provide die temperature information
Host Interface
- Two Wire Serial Interface(TWSI) for
communication between the processor and PMIC
- Configurable interrupt management
- Integrated timer
- 4 groups registers for the data storage when
system shutdown
System Management
- Soft reset or hardware reset
- Support soft shutdown or hardware shutdown,
and external wakeup
- Monitoring output voltage, self-diagnostic
function
- Support PWROK for system reset
- External power source detect ion
(insert/remove/lack of driving capacity )
- Self-protection: OVP,UVP,OCP,OTP
- Support OTG VBUS power state
setting/monitoring
APPLICATIONS
Portable Handset:
Smartphone, PMP/MP4, Digital Camera, Digital
Camcorder, PND, PDA, PTV
Mobile Connected Devices such as xPad,MID
DPF, Portable DVD Player,Ultra Mobile UMPC
and UMPC-like,Entertainment and Education
Machine
Application Processor systems
Other battery and multi-power systems


Similar Part No. - AXP173

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
Enhanced Single Cell Li-Battery and Power System Management IC
More results

Similar Description - AXP173

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP171 ETC2-AXP171 Datasheet
1Mb / 41P
Enhanced Single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
Enhanced Single Cell Li-Battery and Power System Management IC
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
Enhanced single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
Enhanced single Cell Li-Battery and Power System Management IC
AXP202 ETC2-AXP202 Datasheet
1Mb / 48P
Single Cell Li-Battery PWM Charger and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
Enhanced single Cell Li-Battery and Power System Management IC
logo
Shenzhen X-Powers Techn...
AXP209 XPOWER-AXP209 Datasheet
1Mb / 45P
Enhanced single Cell Li-Battery and Power System Management IC
AXP176 XPOWER-AXP176 Datasheet
331Kb / 4P
Enhanced single Cell Li-Battery and Power System Management IC
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
Single Cell Li-Battery and Power System Management IC
AXP202 XPOWER-AXP202 Datasheet
688Kb / 4P
Single Cell Li-Battery PWM Charger and Power System Management IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com