Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AXP202 Datasheet(PDF) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP202
Description  Single Cell Li-Battery PWM Charger and Power System Management IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP202 Datasheet(HTML) 2 Page - Shenzhen X-Powers Technology Co ., Ltd

  AXP202 Datasheet HTML 1Page - Shenzhen X-Powers Technology Co ., Ltd AXP202 Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP202 Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP202 Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AXP202
www.x-powers.com
Copyright © 2016 X-Powers Limited. All Rights Reserved
Revision 1.0
2
APPLICATIONS
Handhold mobile devices
Smart cell phone, PMP/MP4, digital camera,
handhold navigation devices GPS, PDA, digital
broadcast TV receiver
MID(Mobile internet device)
Digital photo Frame,portable DVD player,
UMPC, and UMPC-like ,Learning machine
Application Processor systems
Other
battery and
multi-power
applications
DESCRIPTION
AXP202 is designed to be a highly-integrated power
system management IC that is optimized for
applications requiring single-cell Li-battery (Li-
Ion/Polymer) and multiple output DC-DC converters. It
is offering an easy-to-use and flexible complete solution
which can fully meet the increasingly complexity of
accurate power control required by modern application
processor system.
AXP202 comprises an adaptive USB-Compatible PWM
charger, 2 BUCK DC-DC converters, 5 LDOs, multiple 12-
bit ADCs of Voltage, current and temperature as well as
4 configurable GPIOs. To guarantee the safty and
stability of power system,
AXP202 has integrated various protection circuits
such as Over voltage Protection(OVP)/Under voltage
Protection(UVP) 、Over temperature
protection(OTP)、Over current protection(OCP). With
Intelligent Power Select, IPS™ circuits, AXP202 can
distribute power safely and transparently among
external AC-adapter, Li-battery and loaded application
system, and it can still work normally when there is no
battery (deeply discharged/infective battery) but only
external input power source.
The AXP202 provides a small, simple solution for
obtaining power from three different power sources,
single-cell Li-Ion battery, USB port, and AC-adapter, and
it can support rechargable backup battery too. To
ensure compatibility with a wide range of system
processors,
AXP202 uses a Two Wire Serial Interface
(TWSI),through which application processor is capable
of enabling/disabling power rails, programming voltage,
visiting internal registers as well as measurement data
(including Fuel Gauge). With the power monitoring
results of high precision (1%, determined by the 1%
BIAS resistance), end users will be always posted with
the real-time power consumption, which can bring
them an unprecedented experiences of power
management.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com