Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7756 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7756
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756 Datasheet(HTML) 3 Page - Analog Devices

  ADE7756 Datasheet HTML 1Page - Analog Devices ADE7756 Datasheet HTML 2Page - Analog Devices ADE7756 Datasheet HTML 3Page - Analog Devices ADE7756 Datasheet HTML 4Page - Analog Devices ADE7756 Datasheet HTML 5Page - Analog Devices ADE7756 Datasheet HTML 6Page - Analog Devices ADE7756 Datasheet HTML 7Page - Analog Devices ADE7756 Datasheet HTML 8Page - Analog Devices ADE7756 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. 0
–3–
ADE7756
SPECIFICATIONS1
Parameter
A Version
B Version
Unit
Test Conditions/Comments
ENERGY MEASUREMENT ACCURACY
Measurement Bandwidth
14
14
kHz
CLKIN = 3.579545 MHz
Measurement Error
1 on Channel 1
Channel 2 = 300 mV rms/60 Hz, Gain = 2
Channel 1 Range = 1 V Full Scale
Gain = 1
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 2
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 4
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 8
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 16
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Channel 1 Range = 0.5 V Full Scale
Gain = 1
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 2
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 4
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 8
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 16
0.2
0.2
% typ
Over a Dynamic Range 1000 to 1
Channel 1 Range = 0.25 V Full Scale
Gain = 1
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 2
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 4
0.1
0.1
% typ
Over a Dynamic Range 1000 to 1
Gain = 8
0.2
0.2
% typ
Over a Dynamic Range 1000 to 1
Gain = 16
0.2
0.2
% typ
Over a Dynamic Range 1000 to 1
Phase Error
1 Between Channels
±0.05
±0.05
° max
Line Frequency = 45 Hz to 65 Hz, HPF On
AC Power Supply Rejection
1
AVDD = DVDD = 5 V + 175 mV rms/120 Hz
Output Frequency Variation (CF)
0.2
0.2
% typ
Channel 1 = 20 mV rms/60 Hz, Gain = 16,
Range = 0.5 V
Channel 2 = 175 mV rms/60 Hz, Gain = 4
DC Power Supply Rejection
1
AVDD = DVDD = 5 V
± 250 mV dc
Output Frequency Variation (CF)
±0.3
±0.3
% typ
Channel 1 = 20 mV rms/60 Hz, Gain = 16,
Range = 0.5 V
Channel 2 = 175 mV rms/60 Hz, Gain = 4
ANALOG INPUTS
See Analog Inputs Section
Maximum Signal Levels
± 1
± 1
V max
V1P, V1N, V2N and V2P to AGND
Input Impedance (dc)
390
390
k
Ω min
Bandwidth
14
14
kHz
CLKIN/256, CLKIN = 3.579545 MHz
Gain Error
1, 2
External 2.5 V Reference, Gain = 1 on
Channel 1 and 2
Channel 1
Range = 1 V Full Scale
± 4
± 4
% typ
V1 = 1 V dc
Range = 0.5 V Full Scale
± 4
± 4
% typ
V1 = 0.5 V dc
Range = 0.25 V Full Scale
± 4
± 4
% typ
V1 = 0.25 V dc
Channel 2
± 4
± 4
% typ
V2 = 1 V dc
Gain Error Match
1
External 2.5 V Reference
Channel 1
Range = 1 V Full Scale
±0.3
±0.3
% typ
Gain = 1, 2, 4, 8, 16
Range = 0.5 V Full Scale
±0.3
±0.3
% typ
Gain = 1, 2, 4, 8, 16
Range = 0.25 V Full Scale
±0.3
±0.3
% typ
Gain = 1, 2, 4, 8, 16
Channel 2
±0.3
±0.3
% typ
Gain = 1, 2, 4, 8, 16
Offset Error
1
Channel 1
±20
±20
mV max
Range = 1 V, Gain = 1
Channel 2
±20
±20
mV max
Gain = 1
WAVEFORM SAMPLING
Sampling CLKIN/128, 3.579545 MHz/128 =
27.9 kSPS
Channel 1
See Channel 1 Sampling
Signal-to-Noise Plus Distortion
62
62
dB typ
700 mV rms/60 Hz, Range = 1 V, Gain = 1
Bandwidth (–3 dB)
14
14
kHz
CLKIN = 3.579545 MHz
Channel 2
See Channel 2 Sampling
Signal-to-Noise Plus Distortion
52
52
dB typ
300 mV rms/60 Hz, Gain = 2
Bandwidth (–3 dB)
156
156
Hz
CLKIN = 3.579545 MHz
(AVDD = DVDD = 5 V
5%, AGND = DGND = 0 V, On-Chip Reference, CLKIN = 3.579545 MHz XTAL,
TMIN to TMAX = –40 C to +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com