Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCX032ANB Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX032ANB
Description  1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032ANB Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX032ANB Datasheet HTML 5Page - Sony Corporation LCX032ANB Datasheet HTML 6Page - Sony Corporation LCX032ANB Datasheet HTML 7Page - Sony Corporation LCX032ANB Datasheet HTML 8Page - Sony Corporation LCX032ANB Datasheet HTML 9Page - Sony Corporation LCX032ANB Datasheet HTML 10Page - Sony Corporation LCX032ANB Datasheet HTML 11Page - Sony Corporation LCX032ANB Datasheet HTML 12Page - Sony Corporation LCX032ANB Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
– 9 –
LCX032ANB
4 Definitions:
The right-pointing arrow (
) means +.
The left-pointing arrow (
) means –.
The black dot at an arrow (
) indicates the start of measurement.
<Vertical Shift Register Driving Waveform>
Vst rise time
VST
VCK
EN
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
En rise time
En fall time
En fall to Vck rise/fall
time
Vck rise/fall to En rise
time
• VCK
duty cycle 50%
• VCK
duty cycle 50%
• VCK
duty cycle 50%
tdVst = 32µs
thVst = –32µs
• VCK
duty cycle 50%
• VCK
duty cycle 50%
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEn
tfEn
toVck
tdVck
BLK
Blk rise time
Blk fall time
Blk pulse width
Blk fall to En rise time
trBlk
tfBlk
twBlk
tdEnb
Item
Symbol
Waveform
Conditions
90%
10%
10%
90%
VST
trVst
tfVst
50%
50%
4
VST
VCK
tdVst
thVst
50%
50%
VCK
10%
10%
90%
90%
trVck
tfVck
90%
90%
10%
10%
tfEn
trEn
EN
50%
50%
VCK
EN
toVck
50%
50%
4
tdVck
toVck
tdVck
50%
50%
90%
10%
10%
90%
trBlk
tfBlk
50%
BLK
EN
tdEnb
50%
50%
twBlk
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com