Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA2001 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA2001
Description  1.4A Boost for White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2001 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA2001 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2001 Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
MA2001
Major Power Technology Co., Ltd.
Rev.1.1
Jan.10, 2014
BLOCK DIAGRAM
GND
OVP
+
-
+
OSCILLATOR
+
-
COMP
ILIMIT
EA
REFERENCE
and BIAS
SOFTSTART
EN
FB
SW
VCC
Thermal
Shutdown
OVP
Current
Sense
PWM
CONTROL
LOGIC
UVLO
and POR
Enable
Logic
DRIVER
10ms
LPF
Shutdown
PIN ASSIGNMENT
The package of MA2001 are SOT23-6L & TSOT23-6L ; the pin assignment is given by:
Name
Description
VCC
Power Input Pin
GND
Ground Pin.
FB
Feedback Pin.
EN
Chip Enable & Dimming pin. Active
high. Internal pull low.
OVP
Over voltage detect pin
SW
Switching Pin
ORDER/MARKING INFORMATION
Order Information
Top Marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com