Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FIR290N10ANFG Datasheet(PDF) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR290N10ANFG
Description  N-Channel Enhancement Mode Power Mosfet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR290N10ANFG Datasheet(HTML) 2 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR290N10ANFG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR290N10ANFG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR290N10ANFG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR290N10ANFG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR290N10ANFG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR290N10ANFG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR290N10ANFG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermal Characteristic
Thermal Resistance,Junction-to-Case (Note 1)
RθJC
0.33
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
100
110
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=100V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±200
nA
On Characteristics
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2
3
4
V
25℃
-
2.7
3.5
mΩ
Drain-Source On-State Resistance
125℃
RDS(ON)
VGS=10V, ID=40A
-
4.6
6
mΩ
Forward Transconductance
gFS
VDS=25V,ID=40A
310
-
-
S
Dynamic Characteristics
Input Capacitance
Clss
-
21000
-
PF
Output Capacitance
Coss
-
1652
-
PF
Reverse Transfer Capacitance
Crss
VDS=50V,VGS=0V,
F=1.0MHz
-
1261
-
PF
Switching Characteristics
Turn-on Delay Time
td(on)
-
44.6
-
nS
Turn-on Rise Time
tr
-
29.4
-
nS
Turn-Off Delay Time
td(off)
-
139.8
-
nS
Turn-Off Fall Time
tf
VDD=50V,ID=40A
VGS=10V,RGEN=1.2Ω
(Note2)
-
36.4
-
nS
Total Gate Charge
Qg
-
586
-
nC
Gate-Source Charge
Qgs
-
123
-
nC
Gate-Drain Charge
Qgd
VDS=30V,ID=30A
VGS=10V
-
184
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
VSD
VGS=0V,IS=40A
-
-
1.2
V
Reverse Recovery Time
trr
-
88.9
-
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = 40A
di/dt = 100A/μs(Note2)
-
139
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Surface Mounted on FR4 Board, t ≤ 10 sec.
2. Pulse Test: Pulse Width ≤ 400μs, Duty Cycle ≤ 2%.
3. EAS condition:Tj=25℃,VDD=50V,VG=10V,L=0.5mH,Rg=25Ω
4.
ISD≤125A, di/dt≤260A/μs, VDD≤V(BR)DSS,TJ ≤175°C
FIR290N10ANFG
www.First-semi.com
Page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com