Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDIA4030 Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # SDIA4030
Description  SLIM INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

SDIA4030 Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  SDIA4030 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. SDIA4030 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. SDIA4030 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SLIM INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
Part Number
L(uH)
STAMP
DCR(Ω±30%)
Isat(A)
Irms
SDIA4030-180M
18±20%
180
0.300
1.40
1.10
SDIA4030-220M
22±20%
220
0.380
1.30
1.00
SDIA4030-330M
33±20%
330
0.500
1.10
0.80
SDIA4030-360M
36±20%
360
0.520
1.05
0.80
SDIA4030-390M
39±20%
390
0.530
1.03
0.75
SDIA4030-430M
43±20%
430
0.580
1.00
0.73
SDIA4030-470M
47±20%
470
0.650
0.95
0.70
SDIA4030-510M
51±20%
510
0.730
0.90
0.68
SDIA4030-560M
56±20%
560
0.900
0.85
0.65
SDIA4030-620M
62±20%
620
0.930
0.80
0.53
SDIA4030-680M
68±20%
680
0.950
0.75
0.52
SDIA4030-750M
75±20%
750
1.000
0.70
0.48
SDIA4030-820M
82±20%
820
1.050
0.66
0.47
SDIA4030-910M
91±20%
910
1.140
0.65
0.46
SDIA4030-101M
100±20%
101
1.150
0.60
0.45
SDIA4030-121M
120±20%
121
1.450
0.55
0.42
Note1. Measurement frequency of Inductance value : at 100KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Inductance Tolerance: M : ±20% ; N : ±30%
Note4. Isat : This indicates the value of current when the inductances is 30% lower than its initial
value at D.C. superimposition.(Ta=20℃)
Note5. Irms:D.C. current when at ∆t=40℃(typ.).(Ta=25℃)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com