Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10F276 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F276 Datasheet HTML 1Page - STMicroelectronics ST10F276 Datasheet HTML 2Page - STMicroelectronics ST10F276 Datasheet HTML 3Page - STMicroelectronics ST10F276 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA BRIEF
For further information contact your local ST sales office.
Rev 1
July 2005
1/4
4
■ High performance 64 MHz CPU with DSP
functions
– 16-bit CPU with 4-stage pipeline
– 31.25ns instruction cycle time at 64 MHz
max. CPU clock
– Multiply/accumulate unit (MAC) 16 x 16-bit
multiplication, 40-bit accumulator
– Repeat unit
– Enhanced boolean bit manipulation facilities
– Additional instructions to support HLL and
operating systems
– Single-cycle context switching support
■ Memory organization
– 512 Kbytes on-chip flash memory single
voltage with erase/program controller (full
performance, 32-bit fetch)
– Up to 320 Kbytes on-chip extension flash
memory single voltage with erase/program
controller (XBUS performance, 16-bit fetch)
– 100K erasing/programming cycles.
– Up to 16 Mbytes linear address space for
code and data (5m bytes with CAN or I2C)
– 2 Kbytes on-chip internal RAM (IRAM)
– Up to 66 Kbytes on-chip extension RAM
(XRAM)
■ Fast and flexible bus
– Programmable external bus characteristics
for different address ranges
– 8-bit or 16-bit external data bus
– Multiplexed or demultiplexed external
address/data buses
– Five programmable chip-select signals
– Hold-acknowledge bus arbitration support
■ Interrupt
– 8-Channel peripheral event controller for
single cycle interrupt driven data transfer
– 16-Priority-level interrupt system with 56
sources, sampling rate down to 15.6ns
■ Timers
– Two multi-functional general purpose timer
units with 5 timers
■ Two 16-channel capture / compare units
■ A/D converter
– 24 channels with 10-bit resolution
– 3µs minimum conversion time
■ 4-channel PWM unit + 4-channel XPWM
■ Serial channels
– Two synch. / asynch. serial channels
– Two high-speed synchronous channels
–I2C standard interface
– Two CAN 2.0B interfaces operating on one
or two CAN busses (64 or 2x32 message
objects, C-CAN version)
■ Fail-safe protection
– Programmable watchdog timer
– Oscillator watchdog
■ On-chip bootstrap loader
■ Clock generation
– On-chip 4-12 MHz main oscillator
–On-chip PLL
– Direct or prescaled clock input
■ Real time clock and 32 kHz on-chip
oscillator
■ Up to 111 general purpose I/O lines
– Individually programmable as input, output
or special function
– Programmable threshold (hysteresis)
– Idle, Power down and Stand-by modes
– Single voltage supply: 5V ±10% (embedded
regulator for 1.8V core supply)
PQFP144 (28 x 28 x 3.4mm)
TQFP144 (20 x 20 x 1.4mm)
ST10F276, ST10F273
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory
and up to 68 Kbytes RAM


Similar Part No. - ST10F276

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F276 STMICROELECTRONICS-ST10F276 Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F276R-6Q3 STMICROELECTRONICS-ST10F276R-6Q3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
More results

Similar Description - ST10F276

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
03-Dec-2007
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
STM8S103K3 STMICROELECTRONICS-STM8S103K3 Datasheet
1Mb / 113P
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
09-Sep-2010
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
18-Jul-2012
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
13-Nov-2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com