Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAV99 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BAV99
Description  Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BAV99 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BAV99 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BAV99 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BAV99 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
OFF CHARACTERISTICS (TA = 25C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage,
(I(BR) = 100 mA)
V(BR)
70
−
Vdc
Reverse Voltage Leakage Current,
(VR = 70 Vdc)
(VR = 25 Vdc, TJ = 150C)
(VR = 70 Vdc, TJ = 150C)
IR
−
−
−
2.5
30
50
mAdc
Diode Capacitance,
(VR = 0, f = 1.0 MHz)
CD
−
1.5
pF
Forward Voltage,
(IF = 1.0 mAdc)
(IF = 10 mAdc)
(IF = 50 mAdc)
(IF = 150 mAdc)
VF
−
−
−
−
715
855
1000
1250
mVdc
Reverse Recovery Time,
(IF = IR = 10 mAdc, iR(REC) = 1.0 mAdc) RL = 100 W
trr
−
6.0
ns
Forward Recovery Voltage,
(IF = 10 mA, tr = 20 ns)
VFR
−
1.75
V
CURVES APPLICABLE TO EACH DIODE
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 1. Forward Voltage
Figure 2. Leakage Current
Figure 3. Capacitance
0.1
1
10
100
1000
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
TA = 85C
TA = 55C
TA = 25C
TA = −40C
TA = −55C
TA = 150C
TA = 125C
0.001
0.01
0.1
1.0
10
100
0
1020304050
60
70
TA = 85C
TA = 55C
TA = 125C
TA = 150C
TA = 25C
0.45
0.47
0.49
0.51
0.53
0.55
0.57
0.59
0.61
012345678
VR, REVERSE VOLTAGE (V)
0
1.1 1.2
BAV99
WWW.ARTSCHIP.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com