Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SARM Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SARM
Description  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARM Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SARM Datasheet HTML 1Page - Sanyou Corporation Limited SARM Datasheet HTML 2Page - Sanyou Corporation Limited SARM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3/3
SARM
7
10
6
10
5
10
0
1
3
5
10
15
20
Pick-up/Release time
12
10
8
6
4
2
60
70
80
90
100 110
120 130 140
Pick-up time
Characteristic Curves
Contact Current(A)
Endurance Curve
Percentage of Nominal Coil Voltage(at 23℃)
Release Time
Typical Applications
Home appliances such as air conditioner, electric heater, etc.
Automat
Office equipment such as computer, fax machine, etc.
Automatic power window, car antenna, door lock, etc.
P.C.B. Layout (bottom view)
Disclaimer:
This data sheet is th e custo mers ' re fe re nce. All th e specifi cati on are subject to change with out noti ce.
We could not evaluate all th e perfo rm ance and all th e para mete rs fo r every possible applicati on.T hus th e
user should in a ri ght positi on to choose th e suita ble pro duct fo r th eir own applicati on.I f th ere is any query,
please conta ct Sanyou fo r th e te chnical serv ice.H owever it is th e user' s re sponsibility to dete rm ine which
pro duct should be used only.
Dongguan Sanyou Electri cal appliance Co., LTD,A ll ri ghts of Sanyou to re serv ed



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com