Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M74HC166 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC166
Description  8 BIT PISO SHIFT REGISTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC166 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC166 Datasheet HTML 1Page - STMicroelectronics M74HC166 Datasheet HTML 2Page - STMicroelectronics M74HC166 Datasheet HTML 3Page - STMicroelectronics M74HC166 Datasheet HTML 4Page - STMicroelectronics M74HC166 Datasheet HTML 5Page - STMicroelectronics M74HC166 Datasheet HTML 6Page - STMicroelectronics M74HC166 Datasheet HTML 7Page - STMicroelectronics M74HC166 Datasheet HTML 8Page - STMicroelectronics M74HC166 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED :
fMAX = 63 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 166
DESCRIPTION
The M74HC166 is an high speed CMOS 8 BIT
PISO SHIFT REGISTER fabricated with silicon
gate C2MOS technology.
It consists of parallel or serial inputs and a
serial-out 8 bit shift register with gated clock inputs
and an overriding clear input. The parallel-in or
serial-in modes are controlled by the
SHIFT/
LOAD input. When the SHIFT/LOAD input is held
high, the serial data input is enabled and the eight
flip-flops perform serial shifting with each clock
pulse; when held low, the parallel data inputs are
enabled and synchronous loading occurs on the
next clock pulse. Clocking is accomplished on the
low-to-high level edge
of the clock pulse. The
CLOCK-INHIBIT input should be changed to the
high only while the clock input is held high. A direct
clear input overrides all other inputs, including the
clock, and sets all flip-flops to zero. Functional
details are shown in the truth table and the timing
chart. All inputs are equipped with protection
circuits against static discharge and transient
excess voltage.
M74HC166
8 BIT PISO SHIFT REGISTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC166B1R
SOP
M74HC166M1R
M74HC166RM13TR
TSSOP
M74HC166TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC166

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166B1R STMICROELECTRONICS-M74HC166B1R Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166C1R STMICROELECTRONICS-M74HC166C1R Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M74HC166M1R STMICROELECTRONICS-M74HC166M1R Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
More results

Similar Description - M74HC166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
STMicroelectronics
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1993
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
STMicroelectronics
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
8 BIT PISO SHIFT REGISTER
Jul-2001
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
270Kb / 13P
8 BIT PISO SHIFT REGISTER
Oct-1992
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
RAD-HARD 8 BIT PISO SHIFT REGISTER
Mar-2004
M74HC165 STMICROELECTRONICS-M74HC165_08 Datasheet
362Kb / 21P
8-bit PISO shift register
26-May-2008
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com