Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFM98PW Datasheet(PDF) 3 Page - HOPE Microelectronics CO., Ltd.

Part # RFM98PW
Description  Enhanced Power Long Range Transceiver Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM98PW Datasheet(HTML) 3 Page - HOPE Microelectronics CO., Ltd.

  RFM98PW Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM98PW Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM98PW Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM98PW Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM98PW Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM98PW Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RFM98PW/RFM95PW REV1.1
5. Typical Application:
Figure 2. RFM98PW/RFM95PW Application
(For software info please refer to RF98/RF96 chip datasheets and demo program of
HopeDuinoTM Development Kit)
6. Electrical Parameter:
Maximum
parameter
minimum
maximum
Unit
Positive power supply
-0.3
+6
V
Voltage on Digital Control Inputs
-0.3
3.3 + 0.3
V
Voltage on Analog Inputs
-0.3
3.3 + 0.3
V
RX Input Power
-
+10
dBm
Storage temperature
-55
+125
Soldering temperature(10s)
-
+260
Recommended working range
parameter
minimum
maximum
Unit
Positive power supply
+5.0
+6.0
V
Working temperature
-20
+70
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com