Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

12F635 Datasheet(PDF) 86 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 86 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 82Page - Microchip Technology 12F635 Datasheet HTML 83Page - Microchip Technology 12F635 Datasheet HTML 84Page - Microchip Technology 12F635 Datasheet HTML 85Page - Microchip Technology 12F635 Datasheet HTML 86Page - Microchip Technology 12F635 Datasheet HTML 87Page - Microchip Technology 12F635 Datasheet HTML 88Page - Microchip Technology 12F635 Datasheet HTML 89Page - Microchip Technology 12F635 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 84
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 11-3:
BIDIRECTIONAL PASSIVE KEYLESS ENTRY (PKE) SYSTEM APPLICATION EXAMPLE
FIGURE 11-4:
PASSIVE KEYLESS ENTRY (PKE) TRANSPONDER CONFIGURATION EXAMPLE
LED
UHF
Transmitter
3 Input
Analog Front-End
MCU
(PIC16F636)
+
PIC16F639
LED
UHF
Receiver
LF
Transmitter/
Receiver
LF Com
mand
(125 kH
z)
LF Talk-Back
(125 kHz)
Respon
se
(UHF)
Encryp
ted
Codes
Base Station
Transponder
Ant. X
Ant. Y
Ant. Z
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
9
10
13
12
11
+3V
+3V
+3V
+3V
VDD
S0
S1
S2
S3
S4
S5
VSS
Data
RFEN
LFDATA/RSSI/CCLK/SDIO
VDDT
LCX
LCY
CS
SCLK/ALERT
VSST
LED
LCCOM
LCZ
RF Circuitry
(UHF TX)
315 MHz
air-core
coil
ferrite-core
coil
ferrite-core
coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com