Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FP6366 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6366
Description  1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6366 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6366 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6366 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FP6366-1.7-MAR-2013
FP6366
fitipower integrated technology lnc.
1.5MHz, 600mA, High-Efficiency PWM
Synchronous Step-Down Converter
Pin Assignments
S5 Package (SOT-23-5)
2
1
3
5
4
RUN GND SW
VIN
FB
Figure 1. Pin Assignment of FP6366
Ordering Information
SOT-23-5 Marking
Part Number
Product Code
FP6366S5P
D0
FP6366S5G
D0=
Description
The FP6366 is a high efficiency, low-noise, DC-DC
step-down pulse width modulated (PWM) converter
that goes automatically into PFM mode at light load
to improve efficiency.
It is ideally suitable for
systems powered from a 1-cell Li-ion battery or from
a 2 to 3-cell NiCd, NiMH or alkaline battery.
The
100% duty cycle feature provides low dropout
operation, extending battery life in portable systems.
Switch frequency is internally set at 1.5MHz, allowing
use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency
and eliminates the need for external Schottky diode.
Shutdown mode places the device in standby,
reducing quiescent supply current to less than 1µA.
The FP6366 is available in a small SOT-23-5
package.
Features
Synchronous Rectification:
Approach 95% Efficiency
2.5V to 5.5V Input Voltage Range
The PFM Mode Operation for Improving
Efficiency at Light Load
Real Shutdown Isolated Load from Battery
Internal Compensation without External
Capacitors and Resistors
No Schottky Diode Required
Low Dropout Operation: 100% Duty Cycle
Fixed Frequency Operation at 1.5MHz
Low Quiescent Current at 35µA
Low Shutdown Current at 1µA
RoHS Compliant
Applications
Cellular Phone
Handheld Instrument
Wireless LAN
MP3 Portable Audio Player
Battery Operated Device
P: Green
G: Green
TR: Tape/Reel
FP6366
□□□
Package Type
S5: SOT-23-5


Similar Part No. - FP6366

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-10WDG FITIPOWER-FP6360-10WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-12WDG FITIPOWER-FP6360-12WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-15WDG FITIPOWER-FP6360-15WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6360-16WDG FITIPOWER-FP6360-16WDG Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
More results

Similar Description - FP6366

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001 Datasheet
253Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Exar Corporation
SP6669 EXAR-SP6669 Datasheet
745Kb / 10P
1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
logo
Advanced Power Electron...
APE1501 A-POWER-APE1501 Datasheet
728Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
List of Unclassifed Man...
FT440 ETC2-FT440 Datasheet
245Kb / 10P
1.5MHz, 600mA Synchronous Step-Down Converter
logo
Eorex Corporation
EP3001 EOREX-EP3001_15 Datasheet
259Kb / 10P
1.5MHz, 600mA Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8906A SHOUDING-SD8906A Datasheet
1Mb / 7P
600mA, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com