Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FP6866 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6866
Description  200mA Current-Limit Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6866 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP6866 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FP6866-1.2-MAR-2012
FP6866
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
50
100
150
200
250
300
V
OUT
(V)
Iout
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
Temperature (DEG_C)
IQ
Figure 11. Output current V.S. Output Voltage
Figure 12. Supply current V.S. Temperature
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Temperature (DEG_C)
Ron
-40
-20
0
20
40
60
80
100
20
25
30
35
40
45
50
Temperature (DEG_C)
Flank Blanking Time
Figure 13. Ron V.S. Temperature
Figure 14. Flag Blanking Time V.S. Temperature
-40
-20
0
20
40
60
80
100
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Temperature (DEG_C)
ISD
-40
-20
0
20
40
60
80
100
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Temperature (DEG_C)
ILK
Figure15. Shut Down Current V.S. Temperature
Figure16. Leakage Current V.S. Temperature
VIN=VEN=3.3V
CIN=10µF
COUT=10µF
VIN=VEN=3.3V
CIN=10µF
COUT=10µF
VIN=VEN=3.3V
CIN=10µF
COUT=10µF
VIN=VEN=3.3V
CIN=10µF
COUT=10µF
VIN=3.3V
VEN=0V
CIN=10µF
COUT=10µF
VIN=3.3V
VEN=0V
CIN=10µF
COUT=10µF
R =0Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com