Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAM40W30G Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM40W30G
Description  NN-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM40W30G Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM40W30G Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM40W30G Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM40W30G Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM40W30G Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N+N-Channel Enhancement Mode MOSFET
Features
VDSS = 30V
RDS(ON)
Typ.5.5mΩ @ VGS = 10V
Improved dv/dt capability
Pb Free & RoHS Compliant
Green Device Available
Applications
Backlighting
Synchronous Rectifiers
Absolute Maximum Ratings (TC=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain Source Voltage
VDS
30
V
Gate Source Voltage
VGS
±20
V
Drain Current Continuous
@ TC = 25°C
ID
40
A
@ TC = 100°C
25.3
Drain Current Pulsed@ TC = 25°C
IDM
160
A
Single Pulse Avalanche Energy
EAS
88
mJ
Single Pulse Avalanche Current
IAS
42
A
Maximum Power Dissipation
PD
46
W
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
Thermal Resistance Junction to Case
R
θJC
2.7
°C/W
DAM40W30G
Note3
Apr.2018


Similar Part No. - DAM40W30G

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAM40N60G DACO-DAM40N60G Datasheet
242Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM40N65H DACO-DAM40N65H Datasheet
241Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - DAM40W30G

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAM2W600G DACO-DAM2W600G Datasheet
483Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM3W500G DACO-DAM3W500G Datasheet
240Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM4D5W60S DACO-DAM4D5W60S Datasheet
515Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM7D5W30S DACO-DAM7D5W30S Datasheet
250Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM8W40S DACO-DAM8W40S Datasheet
237Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM9W30S DACO-DAM9W30S Datasheet
239Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM10W30S DACO-DAM10W30S Datasheet
259Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM10W100G DACO-DAM10W100G Datasheet
491Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM12W40S DACO-DAM12W40S Datasheet
250Kb / 4P
NN-Channel Enhancement Mode MOSFET
DAM30W40G DACO-DAM30W40G Datasheet
251Kb / 4P
NN-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com