Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6710 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 11Page - STMicroelectronics L6710 Datasheet HTML 12Page - STMicroelectronics L6710 Datasheet HTML 13Page - STMicroelectronics L6710 Datasheet HTML 14Page - STMicroelectronics L6710 Datasheet HTML 15Page - STMicroelectronics L6710 Datasheet HTML 16Page - STMicroelectronics L6710 Datasheet HTML 17Page - STMicroelectronics L6710 Datasheet HTML 18Page - STMicroelectronics L6710 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15/34
L6710
is used to implement the Droop Function. This current IFB (equal to the sum of both IINFOx) is sourced from
the FB pin. Connecting a resistor between this pin and Vout, the total current information flows only in this
resistor because the compensation network between FB and COMP has always a capacitor in series (See
fig. 7). The voltage regulated is then equal to:
Since IFB depends on the current information about the two phases, the output characteristic vs. load cur-
rent is given by:
Where ILOAD is the output current of the system and RDROOP is its equivalent output resistance.
The feedback current is equal to 50
µA at nominal full load (IFB = IINFO1 + IINFO2) and 70µA at the OC in-
tervention threshold, so the maximum output voltage deviation is equal to:
Figure 6. Output transient response without (a) and with (b) the droop function
Figure 7. Active Droop Function Circuit
REMOTE VOLTAGE SENSE
A remote sense buffer is integrated into the device to allow output voltage remote sense implementation
without any additional external components. In this way, the output voltage programmed is regulated be-
tween the remote buffer inputs compensating motherboard trace losses or connector losses if the device
V
OUT
VI D* R
FB
I
FB
=
V
OUT
VI D* R
DROOP
I
LO AD
VID* R
FB
R
SE NSE
Rg
---------------------- I
LO AD
⋅⋅
=
=
∆V
FUL L
P O SITIVE
LO AD
R
FB
50
µA
∆V
O C
INTERV ENTIO N
R
FB
70
µA
=
=
VMAX
VMIN
VNOM
(a)
(b)
ESR DROP
ESR DROP
VDROOP
Ref
COMP
FB
To VOUT
Total Current Info (IINFO1+IINFO2)
VDROOP
RFB
Ref
COMP
FB
To VOUT
Total Current Info (IINFO1+IINFO2)
VDROOP
RFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com