Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAF Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # BAF
Description  BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BAF Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  BAF Datasheet HTML 1Page - Eaton All Rights Reserved. BAF Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUSSMANN
SERIES
Technical Data 2011
Effective December 2015
Supersedes April 2014
Catalog symbol – color code
•
BAF
•
Green (250Vac max, 1/4 to 30A)
Description:
Fast-acting, supplemental fuse.
For superior protection, Eaton recommends
upgrading to Bussmann series Low-Peak™
Class CC fuses. See data sheet No. 1023.
Specifications:
Ratings
Fuse amp
range
Interrupting rating
at system voltage
Agency
information
250
Vac
125
Vac
UL®
CSA®
1/4 to 1
35A
10kA
–
X
1-1/2 to 2-1/2
100A
10kA
–
X
3
100A
10kA
X
X
4 to 10
200A
10kA
X
X
12 to 15
750A
10kA
X
X
20 to 30
200A
10kA
–
–
Agency information
•
CE
•
UL Listed, Std. 248-14, 250Vac (3 to 15A)
Guide JDYX, File E19180
•
CSA Certified, 250Vac (1/4 to 15A)
Class 1422-01, File 53787
Catalog numbers (amps
BAF-1⁄4
BAF-1-8⁄10
BAF-6
BAF-12
BAF-1⁄2
BAF-2
BAF-6-1⁄4
BAF-15
BAF-6⁄10
BAF-2-1⁄2
BAF-7
BAF-20
BAF-8⁄10
BAF-3
BAF-8
BAF-25
BAF-1
BAF-4
BAF-9
BAF-30
BAF-1-1⁄2
BAF-5
BAF-10
Carton quantity
Amps
Qty.
1/4 to 30
10
Features:
•
Color coded green for 250Vac maximum
voltage rating
•
Fiber tube construction
•
Nickel-plated endcaps.
Typical applications
•
General purpose circuits
•
Lighting circuit protection
•
Meter circuits
Recommended fuse blocks/fuse
holders
Catalog
symbol
Description
Data sheet
No.
Blocks
BMM
1-, 2- and 3-pole
modular blocks with
optional covers
10235
DIN-Rail holders / switches
CCP-_-30M
1-, 2- and 3-pole
switch
1157
CHM
1-, 2- and 3-pole
3185
Optima NG
3-pole protection
module
1109
Optima
3-pole holder
1102
Optima
3-pole holder +
switch
1103
Panel mount holders
HPM and HPM-D
1-pole holder
2112
HPC-D
1-pole holder
2109
HPS2
2-pole holder
2140
HPF, HPF-C and
HPF-WT
1-pole holder
2114
HPS
1-pole holder
2113
HPG and HPD
1-pole holder
2108
In-line holders
HEB
1-pole holder
2127
HEX
2-pole holder
2126
Fuseclips
1A3400, 5956
and 5960
PCB fuseclips
2132
Fuse covers
CVR(I)-CCM(-QC)
Finger-safe fuse cover 10235
BAF 13⁄32˝ x 1-1/2˝ 250Vac fast-acting
supplemental fuses
0.41"
(10.3)
1.5"
(38.1)
Dimensions - in (mm):
250Vac
1/4 to 30A


Similar Part No. - BAF

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BAF PAIRUI-BAF Datasheet
416Kb / 3P
DC-DC Converter
logo
Honeywell Solid State E...
BAF HONEYWELL-BAF Datasheet
2Mb / 11P
High Capacity Enclosed Switches
May 2015
logo
Cooper Bussmann, Inc.
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
BAF-1-1/2 COOPER-BAF-1-1/2 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
BAF-1-8/10 COOPER-BAF-1-8/10 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results

Similar Description - BAF

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BAF-5 COOPER-BAF-5 Datasheet
306Kb / 2P
13.32. x 1-1/2. 250Vac Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
MIC-1 COOPER-MIC-1 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com