Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GPES207B1 Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPES207B1
Description  Easy-to-use SOUNDPLUS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES207B1 Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPES207B1 Datasheet HTML 1Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 2Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 3Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 4Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 5Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 6Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 7Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 8Page - Generalplus Technology Inc. GPES207B1 Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GPES207B1
© Generalplus Technology Inc.
Proprietary & Confidential
4
Jan. 05, 2009
Version: 1.1
4.SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
TG4 - 3
6 - 7
I/O
Trigger input pins/ Output signals pins / LED driver
TG2 - 1
8 - 9
I/O
Trigger input pins/ Output signals pin
AUDP, AUDN
5, 2
O
PWM outputs for speaker
ROSC
11
I
R Oscillator input
VDD
1
P
Positive supply for logic and I/O pins
AVDD
3
P
Positive supply for PWM
VSS
10
P
Ground reference for logic and I/O pins
AVSS
4
P
Ground reference for PWM
Legend: I = Input, O = Output, P = Power
4.1. PAD Assignment
1
2
3
4
5
6
7
8
9
10
11
VDD
AUDN
AVDD
AVSS
AUDP
(0,0)
This IC substrate should be connected to VSS
Note1: To ensure IC functions properly, bond all VDD and VSS pins.
Note2: The 0.1µF capacitor between VDD and VSS should be placed to IC as closed as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com