Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS2751 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2751
Description  Multichemistry Fuel Garge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2751 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2751 Datasheet HTML 1Page - Maxim Integrated Products DS2751 Datasheet HTML 2Page - Maxim Integrated Products DS2751 Datasheet HTML 3Page - Maxim Integrated Products DS2751 Datasheet HTML 4Page - Maxim Integrated Products DS2751 Datasheet HTML 5Page - Maxim Integrated Products DS2751 Datasheet HTML 6Page - Maxim Integrated Products DS2751 Datasheet HTML 7Page - Maxim Integrated Products DS2751 Datasheet HTML 8Page - Maxim Integrated Products DS2751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS2751
5 of 19
EEPROM RELIABILITY SPECIFICATION
(TA = 2.5V
£ VDD £ 5.5V, -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Copy to EEPROM Time
tEEC
2
10
ms
EEPROM Copy
Endurance
NEEC
(Note 12)
25,000
cycles
Note 1:
All voltages are referenced to VSS.
Note 2:
Operating VIN > 4.5V relative to VSS, or VIN > VDD + 0.3V can induce errors in voltage,
temperature, or current measurements.
Note 3:
Self heating due to output pin loading and sense resistor power dissipation can alter the
reading from ambient conditions.
Note 4:
Although the Voltage Register is large enough to report values larger than 4.75V, the internal
compensation for circuit variations can reduce the maximum reportable voltage to as low as
4.75V.
Note 5:
Voltage offset measurement is with respect to 4.35V at +25°C.
Note 6:
Internal current-sense resistor configuration.
Note 7:
External current-sense resistor configuration.
Note 8:
The Current Register supports measurement magnitudes up to 2.56A using the internal sense-
resistor option and 64mV with the external resistor option. Compensation of the internal
sense-resistor value for process and temperature variation may reduce the maximum
reportable magnitude to 1.9A.
Note 9:
Current offset error null to ±1 LSb typically requires a one time 3.5s in-system calibration by
user.
Note 10: Current gain-error specification applies to gain error in converting the voltage difference at
IS1 and IS2, and excludes any error remaining after the DS2751 compensates for the internal
sense-resistor’s temperature coefficient of 3700ppm/
°C to an accuracy of ±500ppm/°C. The
DS2751 does not compensate for external sense resistor characteristics, and any error terms
arising from the use of an external sense resistor should be taken into account when
calculating total current measurement error.
Note 11: Typical value for tERR valid at 3.6V and +25°C.
Note 12: Four year data retention at +70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com