Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9936P Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9936P
Description  12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9936P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9936P Datasheet HTML 6Page - STMicroelectronics STV9936P Datasheet HTML 7Page - STMicroelectronics STV9936P Datasheet HTML 8Page - STMicroelectronics STV9936P Datasheet HTML 9Page - STMicroelectronics STV9936P Datasheet HTML 10Page - STMicroelectronics STV9936P Datasheet HTML 11Page - STMicroelectronics STV9936P Datasheet HTML 12Page - STMicroelectronics STV9936P Datasheet HTML 13Page - STMicroelectronics STV9936P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STV9553
10/24
8
TYPICAL PERFORMANCE CHARACTERISTICS
VDD=110V, VCC=12V, CL=8pF, RP=300Ω, ∆V=40VPP, unless otherwise specified - see Figure 1
Figure 4. STV9553 pulse response
Figure 5. VOUT versus VIN
Figure 6. Power dissipation versus frequency
Figure 7. Speed versus temperature
Figure 8. Speed versus offset
Figure 9. Speed versus load capacitance
12
12
overshoot = 5%
overshoot = 0%
tr=10.8ns
tf=12.8ns
0
20
40
60
80
100
120
0
123
45
6
Vin (V)
0.00
1.00
2.00
3.00
4.00
5.00
10
20
30
Frequency (MHz)
(72% active time)
Vdd=90V
Vdd=100
Vdd=110V
10
10.5
11
11.5
12
12.5
13
13.5
14
50
60
70
80
90
100
Case Temperature (
°C)
Tf
Tr
10
11
12
13
14
15
40
45
50
55
60
65
70
Offset (Vdc)
Tf
Tr
10
11
12
13
14
15
16
17
18
8
10
1214
161820
Load capacitance (pF)
Tf
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com