Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP8601 Datasheet(PDF) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP8601
Description  High power factor non-isolated buck LED constant current driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP8601 Datasheet(HTML) 1 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP8601 Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8601 Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8601 Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8601 Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8601 Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP8601 Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP8601
高功率因数的非隔离降压 LED 恒流驱动芯片
V1.1
Shenzhen TPOWER Semiconductor
1
概述
TP8601是一款高功率因数的非隔离降压型LED恒流驱动芯
片。芯片集成了单级有源功率因数校正电路,特别适合于
85VAC~265VAC全电压输入范围的高性能非隔离降压型
LED照明系统应用。
TP8601集成了单级有源功率因数校正电路,系统可以实现
很高的功率因数和很低的输入电流总谐波失真。TP8601工
作在准谐振开关模式,功率管处于零电流状态导通。这有
效地减小了功率管的开关损耗,提高了系统效率,同时也
改善了系统的EMI特性。
TP8601采用专有的闭环反馈控制技术,芯片可以工作在浮
地和实地两种方式,并能实现高精度的LED恒流输出。
TP8601集成了线电压和负载补偿功能,系统具有优异的线
电压调整率和负载调整率。
TP8601工作电压范围宽,适用于85VAC~265VAC全电压
范围的交流输入。同时TP8601集成了多种保护功能以保证
系统的稳定和可靠。包括VCC供电过压保护,VCC供电欠
压保护,LED开路、短路保护,芯片过温保护和电感逐周期
限流等。
特点
 内置单级有源 PFC 功能
 输入电流总谐波失真低
 专有闭环反馈恒流控制
 准谐振开关模式,开关损耗小
 ±3%的 LED 输出电流精度
 优异的线电压调整率和负载调整率
 超低启动电流
 LED 输出开路保护
 LED 输出短路保护
 VCC 供电过压、欠压保护
 CS 逐周期限流
 自动重启动功能
 芯片过温保护
 采用 SOT23-6L 封装
应用
 LED 球泡灯,LED 射灯
 LED 日光灯,LED 筒灯
 LED 吸顶灯,LED PAR 灯
 其它 LED 照明
典型应用电路


Similar Part No. - TP8601

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8602 TPOWER-TP8602 Datasheet
606Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
TP8602D TPOWER-TP8602D Datasheet
593Kb / 6P
High power factor non-isolated buck LED driver chip with integrated power transistor
More results

Similar Description - TP8601

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tianyuan Semic...
TP8533A TPOWER-TP8533A Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533ED TPOWER-TP8533ED Datasheet
576Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7725 MAXIC-MT7725 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
logo
Shenzhen Tianyuan Semic...
TP8533B TPOWER-TP8533B Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533C TPOWER-TP8533C Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533D TPOWER-TP8533D Datasheet
575Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
TP8533E TPOWER-TP8533E Datasheet
592Kb / 6P
High efficiency non-isolated buck LED constant current driver chip
logo
Maxic Technology Corpor...
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727XK MAXIC-MT7727XK Datasheet
206Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com