Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M28W640FST70ZA1F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M28W640FST70ZA1F
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FST70ZA1F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M28W640FST70ZA1F Datasheet HTML 3Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 4Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 5Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 6Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 7Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 8Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 9Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 10Page - STMicroelectronics M28W640FST70ZA1F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7/55
M28W320FST, M28W320FSB, M28W640FST, M28W640FSB
Figure 4. TBGA Connections (Top view through package)
Note: 1. The above figure gives the TBGA connections for M28W640FST and M28W640FSB. On M28W320FST and M28W320FSB devic-
es, A21 is NC.
AI09910b
DQ6
A0
VSSQ
VDD
DQ10
VDD
DQ7
DQ5
VDDQ
DQ2
H
DQ14
VSS
DQ13
D
A15
A19
E
A8
C
A16
A20
A10
A14
NC
A7
B
NC
A18
A1
A12
A13
A
8
7
6
5
4
3
2
1
A6
A2
A3
A4
G
F
E
DQ0
NC
A5
VPP
A21
A17
A9
A11
RP
DQ15
NC
DQ9
DQ8
DQ1
DQ4
DQ3
G
DQ12
DQ11
W
VSS
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com