Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCL71C03ACPL Datasheet(PDF) 9 Page - Intersil Corporation

Part # LCL71C03ACPL
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL71C03ACPL Datasheet(HTML) 9 Page - Intersil Corporation

Back Button LCL71C03ACPL Datasheet HTML 5Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 6Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 7Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 8Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 9Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 10Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 11Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 12Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
3-42
once and only once for each measurement cycle starting
101/11 pulses after the end of the full measurement cycle.
Digit 5 (MSD) goes high at the end of the measurement
cycle and stays on for 201/21 counts. In the center of this
digit pulse (to avoid race conditions between changing BCD
and digit drives) the first STROBE pulse goes negative for
1/
2 clock pulse width. Similarly, after Digit 5, Digit 4 goes
high (for 200/20 clock pulses) and 100/10 pulses later the
STROBE goes negative for the second time. This continues
through Digit 1 (LSD) when the fifth and last STROBE pulse
is sent. The digit drive will continue to scan (unless the
previous signal was over-range) but no additional STROBE
pulses will be sent until a new measurement is available.
Busy (Pin 28)
BUSY goes high at the beginning of signal integrate and
stays high until the first clock pulse after zero-crossing (or
after end of measurement in the case of an OVER-RANGE).
The internal latches are enabled (i.e., loaded) during the first
clock pulse after BUSY and are latched at the end of this
clock pulse. The circuit automatically reverts to auto-zero
when not BUSY so it may also be considered an A-Z signal.
A very simple means for transmitting the data down a single
wire pair from a remote location would be to AND BUSY with
clock and subtract 10,001/1,001 counts from the number of
pulses received - as mentioned previously there is one “NO-
count” pulse in each Reference Integrate cycle.
Over-Range (Pin 4)
This pin goes positive when the input signal exceeds the
range (20,000/2,000) of the converter. The output F-F is set
at the end of BUSY and is reset to zero at the beginning of
Reference Integrate in the next measurement cycle.
Under-Range (Pin 13)
This pin goes positive when the reading is 9% of range or
less. The output F-F is set at the end of BUSY (if the new
reading is 1800/180 or less) and is reset a the beginning of
Signal Integrate of the next reading.
Polarity (Pin 3)
This pin is positive for a positive input signal. It is valid even for a
zero reading. In other words, +0000 means the signal is posi-
tive but less than the least significant bit. The converter can be
used as null detector by forcing equal (+) and (-) readings. The
null at this point should be less than 0.1 LSB. This output
becomes valid at the beginning of Reference Integrate and
remains correct until it is revalidated for the next measurement.
Digit Drives (Pins 19, 24, 25, 26, and 27)
Each digit drive is a positive-going signal which lasts for
200/20 clock pulses. The scan sequence is D5(MSD), D4,
D3, D2, and D1 (LSD). All five digits are scanned even when
operating in the 31/2 digit mode, and this scan is continuous
unless and OVER-RANGE occurs. Then all Digit drives are
blanked from the end of the STROBE sequence until the
beginning of Reference Integrate, at which time D5 will start
the scan again. This gives a blinking display as a visual
indication of OVER-RANGE.
BCD (Pins 20, 21, 22 and 23)
The Binary coded decimal bit B8, B4, B2, and B1 are positive
logic signals that go on simultaneously with the Digit driver.
FIGURE 5. TIMING DIAGRAM FOR OUTPUTS
AUTO
COUNTS
10,001
INTEGRATOR
BUSY
SIGNAL
COUNTS
10,000
INTEG.
REFERENCE
COUNTS MAX
20,001 / 2,001
INTEGRATE
D5
D4
D3
D2
D1
AUTO ZERO
DIGIT SCAN
FOR OVER-RANGE
SIGNAL
INTEGRATE
REFERENCE
INTEGRATE
D1
D2
D3
D4
D5
†FIRST D5 OF AZ AND REF INT
ONE COUNT LONGER
STROBE
1000
†/100 COUNTS
DIGIT SCAN
FOR OVER-RANGE
EXPANDED SCALE BELOW
/ 1,000
OVER-RANGE
WHEN APPLICABLE
UNDER-RANGE
WHEN APPLICABLE
OUTPUT
/ 1,001
ZERO
FULL MEASUREMENT CYCLE
40,002/4,002 COUNTS
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com