Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P5M Datasheet(PDF) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # P5M
Description  Apple iPhone5S data line IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

P5M Datasheet(HTML) 3 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  P5M Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. P5M Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. P5M Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
P5M(文件编号:S&CIC1182)
苹果 iPhone5S 数据线 IC
www.superchip.cn
第 3 页 共 3 页
Version 1.0
PCB 图及 BOM 表
PCB 图
正面
背面
BOM 表
序号
元件名称
型号&规格
单位
用量
位置
备注
1
PCB 板
P5M
PCS
1
2
贴片电容
105P
5%
0603
PCS
1
C
3
PMOS 管
3418
SOT-23
PCS
1
Q
电流≥4A
4
IC
P5MD
SOT23-6
PCS
1
IC
5
USB
8pin Lightning 接口
PCS
1
USB
封装信息



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com