Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS3590 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 6Page - Semtech Corporation GS3590 Datasheet HTML 7Page - Semtech Corporation GS3590 Datasheet HTML 8Page - Semtech Corporation GS3590 Datasheet HTML 9Page - Semtech Corporation GS3590 Datasheet HTML 10Page - Semtech Corporation GS3590 Datasheet HTML 11Page - Semtech Corporation GS3590 Datasheet HTML 12Page - Semtech Corporation GS3590 Datasheet HTML 13Page - Semtech Corporation GS3590 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
10 of 118
Semtech
Proprietary & Confidential
www.semtech.com
2.2 DC Electrical Characteristics
Table 2-2: DC Electrical Characteristics
TA = -40°C to +85°C, unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Bi-Directional Characteristics (Applicable to Both Modes)
Supply Voltage
VCC_DDI,
VCC_CORE, VDD
1.71
1.8
1.89
V
DDI Input and DDO
Output Termination
Differential
100
Ω
SDIO Bi-directional
Termination
Between SDIO and GND
75
Ω
SDO Output Termination
Between SDO and GND
75
Ω
Supply Current—
Analogue Core
ICC_CORE
CDR Unlocked During Rate
Search
182
mA
PRBS Generator Enabled
119
mA
2, 3
PRBS Checker Enabled
60
mA
2
Eye Monitor Enabled
54
mA
2
Supply Current—
Digital Logic
IDD
16
20
mA
Input Voltage—Digital Pins
(CS, SDIN, SCLK, GPIO[0:3])
VIH
0.65*
VDD
VDD
V—
VIL
—0
0.35*
VDD
V—
Output Voltage—Digital Pins
(SDOUT, GPIO[0:3])
VOH
IOH = -5mA
VDD -
0.45
——
V
VOL
IOL = +5mA
0.45
V
Cable Equalizer Mode Characteristics
Supply Voltage—Trace
Driver
VCCO_1
1.14
1.2
1.26
V
1.71
1.8
1.89
V
2.38
2.5
2.63
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com