Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M74HC123 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC123
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC123 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC123 Datasheet HTML 1Page - STMicroelectronics M74HC123 Datasheet HTML 2Page - STMicroelectronics M74HC123 Datasheet HTML 3Page - STMicroelectronics M74HC123 Datasheet HTML 4Page - STMicroelectronics M74HC123 Datasheet HTML 5Page - STMicroelectronics M74HC123 Datasheet HTML 6Page - STMicroelectronics M74HC123 Datasheet HTML 7Page - STMicroelectronics M74HC123 Datasheet HTML 8Page - STMicroelectronics M74HC123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC123
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
1,9
1A, 2A
Trigger Inputs (Negative
Edge Triggered)
2, 10
1B, 2B
Trigger Inputs (Positive
Edge Triggered)
3, 11
1 CLR
2 CLR
Direct Reset LOW and
trigger Action at Positive
Edge
4, 12
1Q, 2Q
Outputs (Active Low)
7
2RX/CX
External Resistor
Capacitor Connection
13, 5
1Q, 2Q
Outputs (Active High)
14, 6
1CX
2CX
External Capacitor
Connection
15
1RX/CX
External Resistor
Capacitor Connection
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
NOTE
A
BCLR
QQ
H
H
OUTPUT ENABLE
X
L
H
L
H
INHIBIT
H
X
H
L
H
INHIBIT
L
H
OUTPUT ENABLE
L
H
OUTPUT ENABLE
X
X
L
L
H
INHIBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com