Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GPRS512C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPRS512C
Description  512K-Bit Serial RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPRS512C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPRS512C Datasheet HTML 1Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 2Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 3Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 4Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 5Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 6Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 7Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 8Page - Generalplus Technology Inc. GPRS512C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GPRS512C
© Generalplus Technology Inc.
Proprietary & Confidential
4
DEC. 25, 2009
Version: 1.2
4. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
CS
1
I
Chip select - Enable 512K
SCL
2
I
Serial clock input
SDA
3
I/O
Serial Input / Output data
VSS
4
I
Ground
VDD
5
I
Power input
LP
6
O
Must be floating
4.1. PIN Configuration
SOP 8
1
2
3
4
8
7
6
5
CS
SCL
SDA
VSS
NC
NC
NC
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com