Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VCC Datasheet(PDF) 1 Page - Vatronics Technologies Limited

Part # VCC
Description  Ceramic Disc Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VATRONICS [Vatronics Technologies Limited]
Direct Link  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

VCC Datasheet(HTML) 1 Page - Vatronics Technologies Limited

  VCC Datasheet HTML 1Page - Vatronics Technologies Limited VCC Datasheet HTML 2Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ceramic Disc Capacitors,Trimmer Potentiometers, Potentiometers,Trimmer P...pe Slide Carbon Potentiometer, Channel-Preselection Carbon Potentiometer
VCC Series Ceramic Disc Capacitors
Operating temperature range: -25 to +85 degrees Celcius
Capacitance: measured at 20 +/- 2 degrees Celsius with 1 +/- 0.1kHz and
0.1Vrms max
Dissipation factor (DF): same as capacitance
DC 16V: tg theta < / = 700 x 10-4
DC 25V/50V: tg theta < / = 500 x 10-4
Insulation resistance (IR): measured with the rated voltage within one minute
of chargingDC16V: IR >100Mohms
DC25V/50V: IR > 1000Mohms
Dielectric strength: never be damaged when DC voltages of 150% of the
rated voltage are applied for 5 seconds, no failure
Packing: Bulk and Ammo
Rated
Voltage
Temp Char
Capacitance
Dimension MM
Range
Tolerance
D Max
T Max
F
50
CH 0+/-
60PPM/C
(NPO)
0R5-470
+/-0.25PF or
+/-
0.5PF(under
10PF)
+/-5% or +/-
10%(over
10PF)
5.5
3.5
5.0
500-750
6.5
820-101
7.5
121-151
8.5
181-271
10.5
301-391
12.5
5.0 or 10.0
50
SL +350~-
1000PPM/C
100-121
+/-5%, +/-
10%
5.5
3.5
5.0
151-241
6.6
271-331
7.5
361-471
8.5
501-821
10.5
50
Y5P
101-202
+/-10%, +/-
20%
5.5
3.5
5.0
222-272
6.5
302-332
7.5
392-472
8.5
562-103
10.5
50
Z5U
222-502
+/-20%,
+80%/-20%
5.5
3.5
5.0
562-822
6.5
103
7.5
123-153
8.5
183-223
10.5
file:///C|/index/ceramiccapacitor.htm (1 / 2) [2003-12-17 13:31:23]


Similar Part No. - VCC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VCC FUJITSU-VCC Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Visual Communications C...
VCC-CNX-480 VCC-VCC-CNX-480 Datasheet
610Kb / 2P
Ruggedized LED Panel Mount Indicator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC1 VECTRON-VCC1 Datasheet
256Kb / 10P
CMOS Crystal Oscillator
VCC1-103 VECTRON-VCC1-103 Datasheet
44Kb / 2P
Crystal Oscillators
More results

Similar Description - VCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
Disc Ceramic Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
Ceramic Disc Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com