Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A80603 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A80603
Description  LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A80603 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A80603 Datasheet HTML 17Page - Allegro MicroSystems A80603 Datasheet HTML 18Page - Allegro MicroSystems A80603 Datasheet HTML 19Page - Allegro MicroSystems A80603 Datasheet HTML 20Page - Allegro MicroSystems A80603 Datasheet HTML 21Page - Allegro MicroSystems A80603 Datasheet HTML 22Page - Allegro MicroSystems A80603 Datasheet HTML 23Page - Allegro MicroSystems A80603 Datasheet HTML 24Page - Allegro MicroSystems A80603 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LED Driver with Pre-Emptive Boost
for Ultra-High Dimming Ratio and Low Output Ripple
A80603 and
A80603-1
21
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
VDD
The VDD pin provides regulated bias supply for internal circuits.
Connect a CVDD capacitor with a value of 1 μF or greater to this
pin. The internal LDO can deliver up to 2 mA of current with a
typical VDD voltage of about 4.25 V. This allows it to serve as
the pull up voltage for FAULT pin.
Shutdown
If EN pin is pulled low for longer than tEN(OFF) (~16 ms), the
A80603 enters shutdown (sleep mode). The next time EN pin
goes high, all internal fault registers are cleared. The IC needs to
go through a complete soft start process after PWM goes high.
Figure 35: After EN = L for ~16 ms, the IC completely shuts down
so VDD (Blue) decays.
There is an alternative way to reset the internal fault status reg-
isters. By keeping EN = H and PWM = L for longer than 16 ms,
the A80603 clears all internal fault registers but does not go into
sleep mode. The next time PWM pin goes high, the IC will still
go through soft start process. The difference is that VDD voltage
and CLKOUT signal are always available as long as EN = H.
Figure 36: As long as EN = H, the IC does not shut down VDD and
CLKOUT. But internal latched faults are cleared by PWM = L for
~16 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com