Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN55N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN55N50
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN55N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN55N50 Datasheet HTML 1Page - IXYS Corporation IXFN55N50 Datasheet HTML 2Page - IXYS Corporation IXFN55N50 Datasheet HTML 3Page - IXYS Corporation IXFN55N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 IXYS All rights reserved
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
TO-264 AA (IXFK)
Features
International standard packages
Encapsulating epoxy meets
UL 94 V-0, flammability classification
miniBLOC with Aluminium nitride
isolation
Low R
DS (on) HDMOS
TM
process
Rugged polysilicon gate cell structure
Unclamped Inductive Switching (UIS)
rated
Low package inductance
Fast intrinsic Rectifier
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
Temperature and lighting controls
Advantages
Easy to mount
Space savings
High power density
G = Gate
D
= Drain
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
S
G
D
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
V
DSS
V
GS = 0 V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5
V
I
GSS
V
GS = ±20V; VDS = 0V
±200
nA
I
DSS
V
DS = VDSS
T
J =
25
°C25
µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
55N50
80
m
Note 1
50N50
100
m
97502F (04/02)
HiPerFETTM
Power MOSFET
Single Die MOSFET
Symbol
Test Conditions
Maximum Ratings
IXFK
IXFK
IXFN
IXFN
55N50
50N50
55N50
50N50
V
DSS
T
J
= 25°C to 150°C
500
500
V
V
DGR
T
J
= 25°C to 150°C
500
500
V
V
GS
Continuous
±20
±20
V
V
GSM
Transient
±30
±30
V
I
D25
T
C = 25°C
55
50
55
50 A
I
DM
T
C =25°C,
220
200
220
200 A
I
AR
T
C = 25°C
55
50
55
50 A
E
AR
T
C = 25°C60
60
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
5
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C = 25°C
560
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
N/A
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
N/A
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
N/A
3000
V~
M
d
Mounting torque
0.9/6
1.5/13 Nm/lb.in.
Terminal connection torque
N/A
1.5/13 Nm/lb.in.
Weight
10
30
g
V
DSS
I
D25
R
DS(on)
t
rr
IXFN 55N50
500V
55A
80m
Ω 250ns
IXFN 50N50
500V
50A
100m
Ω 250ns
IXFK 55N50
500V
55A
80m
Ω 250ns
IXFK 50N50
500V
50A
100m
Ω 250ns
Preliminary data sheet


Similar Part No. - IXFN55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN55N50 IXYS-IXFN55N50 Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
IXFN55N50 IXYS-IXFN55N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFET
logo
Inchange Semiconductor ...
IXFN55N50 ISC-IXFN55N50 Datasheet
599Kb / 3P
N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFN55N50F IXYS-IXFN55N50F Datasheet
106Kb / 2P
HiPerRF Power MOSFETs
More results

Similar Description - IXFN55N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFN72N55Q2 IXYS-IXFN72N55Q2 Datasheet
560Kb / 4P
HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
HiPerFET Power MOSFET
FMK75-01F IXYS-FMK75-01F Datasheet
72Kb / 2P
HiPerFET Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com