Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD45048 Datasheet(PDF) 1 Page - Analog Devices

Part # AD45048
Description  Rail-to-Rail Upstream ADSL Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45048 Datasheet(HTML) 1 Page - Analog Devices

  AD45048 Datasheet HTML 1Page - Analog Devices AD45048 Datasheet HTML 2Page - Analog Devices AD45048 Datasheet HTML 3Page - Analog Devices AD45048 Datasheet HTML 4Page - Analog Devices AD45048 Datasheet HTML 5Page - Analog Devices AD45048 Datasheet HTML 6Page - Analog Devices AD45048 Datasheet HTML 7Page - Analog Devices AD45048 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rail-to-Rail Upstream ADSL Line Driver
AD45048
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Dual op amp
Voltage feedback
Wide supply range: from 3.3 V to 24 V
Rail-to-rail output
Output swing to within 0.5 V of supply rails @ 230 mA
23 V p-p differential, RLOAD of 50 Ω from 12 V supply
High output current
Linear output current of 230 mA peak into 25 Ω
−68 dBc MTPR @ 15 dBm (100 Ω telephone line)
Low noise
4.5 nV/
√Hz voltage noise density @ 100 kHz
1.5 pA/
√Hz current noise density @ 100 kHz
High speed
65 MHz bandwidth (AV = 1, −3 dB)
55 V/μs slew rate (RLOAD = 25 Ω)
APPLICATIONS
Consumer xDSL modems
Twisted pair line drivers
ADSL CPE applications
(Drop in replacement for TS613ID and EL1519CS)
Audio applications
GENERAL DESCRIPTION
The AD45048 ADSL CPE line driver is a dual operational
amplifier capable of driving high output current (230 mA); it
features a rail-to-rail output stage that swings to within 0.5 V
of the supply rails. The AD45048 rail-to-rail output stage
surpasses the output voltage capability of typical emitter-
follower output stages and can deliver up to 23 V p-p
differentially from a single 12 V supply in ADSL CPE line
driving applications. The low distortion, high output current
and wide output dynamic range make the AD45048 ideal for
driving upstream signals in ADSL CPE applications.
Fabricated with ADI’s high speed XFCB-HV (eXtra Fast
Complementary Bipolar-High Voltage) process, the high
bandwidth and fast slew rate of the AD45048 keep distortion to
a minimum while dissipating minimum power. The AD45048 is
available in a standard 8-lead SOIC package that can operate
from −40°C to +85°C.
PIN CONFIGURATION
OUT1
1
–IN1
2
+IN1
3
–VS 4
+VS
OUT2
–IN2
+IN2
8
7
6
5
Figure 1. 8-Lead SOIC
10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
CENTER 86.31174378kHz
1kHz/
SPAN 10kHz
–68dB
Figure 2. AD45048AR Upstream ADSL MTPR (13 dBm, CF = 5.3)


Similar Part No. - AD45048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results

Similar Description - AD45048

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
August 8, 2005
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
March 15, 2007
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
April 19, 2007
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
logo
Analog Devices
AD45048 AD-AD45048_15 Datasheet
160Kb / 8P
Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
8MHz Rail-to-Rail Composite Video Driver
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
13MHz Rail-to-Rail Composite Video Driver
logo
Linear Technology
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
Rail-to-Rail SAR ADC Driver Amplifier
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com