Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GD25VQ16CSFG Datasheet(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ16CSFG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ16CSFG Datasheet(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ16CSFG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CSFG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ16C
58
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
---
2015-7-23
1.1
Modify Command Read Security Registers (48H)
---
2015-10-20
1.2
Modify Package USON8 (3*2mm, thickness 0.45mm)
Modify Package USON8 (4*3mm)
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to
0.1 V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
Modify POWER-ON TIMING: tPUW Min 1ms Change to 5ms
Modify Figure 40. Power-on Timing Sequence Diagram
---
2015-11-13
1.3
Modify AC CHARACTERISTICS: add tRST_R & tRST_P &
tRST_E
Modify POWER-ON TIMING: TVSL Min 10us Change to 5ms,VWI
Min 1.9 Change to 1.5V
Modify Package USON8 (2*3mm, thickness 0.45mm)
Modify Package USON8 (2*3mm, thickness 0.55mm)
---
2016-01-29
1.4
Delete Package USON8(4*4mm, thickness 0.55mm)
Add Package USON8(4*4mm, thickness 0.45mm)
Modify fc1,fc2:2.7~3.6v change to 2.3~3.6v
Modify Package USON8 (2*3mm, thickness 0.45mm)
Modify Package USON8 (3*4mm)
Modify Icc9 from 400~800uA to 0.6~1.2mA
Modify tBE2 max. value from 0.6/0.8s to 0.6/1.2s
Modify tw max. value from 30ms to 40ms
---
2017-08-02
1.5
Modify 4BH command
Add
“Page” column to the revision history
Modify tVSL from 5ms to 1.8ms
Add tRS, of which the min value is 100us
Delete tRST_R and tRST_P
Add tRST, of which the max. value is 30us
Remove tSE,tBE1,tBE2 max. values for 50K cycling
Modify tBE1 max.value from 0.7s to 1.2s
Modify tBE2 max.value from 1.2s to 2s
Update the description of all packages
Delete DIP8 300mil,VSOP8 208mil,USON8 4*4mm-0.55
P32
P61
P42
P46
P46
P46
P46
P46
P46
P50-60
---
2018-09-13
1.6
Modify VWI max value from 2.3V to 2.2V
Update Ordering Information
P42
P49
2019-2-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com