Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HVC381B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC381B
Description  Variable Capacitance Diode for VCO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC381B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC381B Datasheet HTML 1Page - Renesas Technology Corp HVC381B Datasheet HTML 2Page - Renesas Technology Corp HVC381B Datasheet HTML 3Page - Renesas Technology Corp HVC381B Datasheet HTML 4Page - Renesas Technology Corp HVC381B Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC381B
Rev.1.00, Jan 19, 2005, page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
10
VR = 15 V
Reverse current
IR2
—
—
100
nA
VR = 15 V, Ta = 60°C
C1
10.0
—
11.0
VR = 1 V, f = 1 MHz
Capacitance
C3
5.80
—
6.40
pF
VR = 3 V, f = 1 MHz
Capacitance ratio
n
1.65
—
—
—
C1 / C3
Series resistance
rS
—
0.50
Ω
VR = 1 V, f = 470 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com