Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS477 Datasheet(PDF) 5 Page - Anachip Corp

Part # ATS477
Description  Single Phase Hal Efect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS477 Datasheet(HTML) 5 Page - Anachip Corp

  ATS477 Datasheet HTML 1Page - Anachip Corp ATS477 Datasheet HTML 2Page - Anachip Corp ATS477 Datasheet HTML 3Page - Anachip Corp ATS477 Datasheet HTML 4Page - Anachip Corp ATS477 Datasheet HTML 5Page - Anachip Corp ATS477 Datasheet HTML 6Page - Anachip Corp ATS477 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Single Phase Hall Effect Latch
ATS477
Anachip Corp.
www.anachip.com.tw
Rev. A5 Apr 15, 2004
5/7
ATC
12
10
8
6
4
2
OFF
OP
RP
ON
12
10
8
6
4
2
OP
ON
OFF
RP
-200
200
100
-100
0
-200
200
100
-100
0
HYSTERCSIS CHARACTERISTICS
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
DOB
DO
Vsat
Vsat
Operation Characteristics
Marking side
S
Bhy
Vsat
Vcc
Vd
Brp
Bop
0
( Magnetic flux density )
DO
High
Low
Marking side
S
( SIP4 )
( SOP-7 )
N
N
Marking Information
477
Part Number
Year:
( Top View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code: A ~ Z
Blank : normal
L : Lead Free Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com