Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HM7002DM Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7002DM
Description  Small Signal MOSFET 115 mAmps, 60 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7002DM Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7002DM Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7002DM Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
115 mAMPS
60 VOLTS
R DS(on) = 7.5 W
N - Channel
Device
Marking
Shipping
ORDERING INFORMATION
10000 Tape & Reel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Drain Current
– Continuous TC = 25°C (Note 1.)
– Continuous TC = 100°C (Note 1.)
– Pulsed (Note 2.)
ID
ID
IDM
mAdc
Gate–Source Voltage
– Continuous
– Non–repetitive (tp ≤ 50 µs)
VGS
VGSM
Vdc
Vpk
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 3.) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(Note 4.) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
-55 to
+150
°C
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
3. FR–5 = 1.0 x 0.75 x 0.062 in.
4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
N–Channel S
±75
±800
±20
±40
±115
Small Signal MOSFET
115 mAmps, 60 Volts
We declare that the material of product
compliance with RoHS requirements.
S
ESD Protected:1000V
Rev .O 1/4
S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
72D
3000 Tape & Reel
72D


Similar Part No. - HM7002DM

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7002DW HMSEMI-HM7002DW Datasheet
1Mb / 6P
Small Signal MOSFET115 mAmps, 60 Volts N?밅hannel SOT-363
More results

Similar Description - HM7002DM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002LT1 LRC-L2N7002LT1 Datasheet
70Kb / 3P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002DW1T1G LRC-L2N7002DW1T1G Datasheet
569Kb / 6P
Small Signal MOSFEO 115 mAmps, 60 Volts
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
299Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
2N7002LT1 WILLAS-2N7002LT1 Datasheet
313Kb / 4P
115 mAmps, 60 Volts
logo
Leshan Radio Company
L2N7002LT1G LRC-L2N7002LT1G_11 Datasheet
151Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
L2N7002EM3T5G LRC-L2N7002EM3T5G Datasheet
247Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002M3T5G LRC-L2N7002M3T5G Datasheet
173Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002JR HMSEMI-HM7002JR Datasheet
398Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
First Silicon Co., Ltd
FTK7002U FS-FTK7002U Datasheet
734Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com